Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69108/F Datasheet(PDF) 12 Page - Microsemi Corporation

Part # PD69108/F
Description  8 PORTS PSE POE MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69108/F Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button PD69108/F Datasheet HTML 8Page - Microsemi Corporation PD69108/F Datasheet HTML 9Page - Microsemi Corporation PD69108/F Datasheet HTML 10Page - Microsemi Corporation PD69108/F Datasheet HTML 11Page - Microsemi Corporation PD69108/F Datasheet HTML 12Page - Microsemi Corporation PD69108/F Datasheet HTML 13Page - Microsemi Corporation PD69108/F Datasheet HTML 14Page - Microsemi Corporation PD69108/F Datasheet HTML 15Page - Microsemi Corporation PD69108/F Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
PD69108/F
DATASHEET
Copyright © 2013
Microsemi
Rev. 1.6
Analog Mixed Signal Group
1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
12
8 PORTS PSE POE MANAGER
TM
®
PD69108 Internal Block Diagram
The PD69108 is based on two major sections:
A Digital section which controls and monitors the logical PoE functions (state machines, timings etc.)
An Analog section which performs the Front End analog PoE functionality.
Figure 1 illustrates both functions.
PORT 8 Tool Box
PORT 7 Tool Box
PORT 6 Tool Box
PORT 5 Tool Box
PORT 4 Tool Box
PORT 3 Toool Box
PORT 2 Tool Box
CLK
A/D
Voltage
Regulator
Analog
Mesurment
Thermal
Protection
Controlled
Reference
Voltage
Generator for
Line Detection
& Classification
Current Limiter
AGND
Vmain
POR
Sense Resistor
Main MOSFET
SPI
(
SPI Control,
Watch Dog)
CRG
(CPU/Control
Registers)
MSC
(Miscellaneous ,
Power bank,
General counter,
IC ctrl)
sck
cs_n
mosi
miso
PG[3:0]
sync
sync
sync
VCM
(Voltage Current
Measurement)
ADC
Full
RTP
AIR
(Analog
Interface)
ADDR[3:0]
Reg
Table
DGND
Digital
Analog
Figure 1: PD69108 Internal Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com