Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69108/F Datasheet(PDF) 8 Page - Microsemi Corporation

Part # PD69108/F
Description  8 PORTS PSE POE MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69108/F Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button PD69108/F Datasheet HTML 4Page - Microsemi Corporation PD69108/F Datasheet HTML 5Page - Microsemi Corporation PD69108/F Datasheet HTML 6Page - Microsemi Corporation PD69108/F Datasheet HTML 7Page - Microsemi Corporation PD69108/F Datasheet HTML 8Page - Microsemi Corporation PD69108/F Datasheet HTML 9Page - Microsemi Corporation PD69108/F Datasheet HTML 10Page - Microsemi Corporation PD69108/F Datasheet HTML 11Page - Microsemi Corporation PD69108/F Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PD69108/F
DATASHEET
Copyright © 2013
Microsemi
Rev. 1.6
Analog Mixed Signal Group
1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
8
8 PORTS PSE POE MANAGER
TM
®
PIN
P I N NA M E
PIN TY PE
D ESC R I PTIO N
7
AGND
Power
Analog ground
8
N/C
Not Connected
9
PORT_SENSE2
Analog Input
Sense resistor port input
(Connected to 0.36
Ω, 1% resistor to QGND with ~12 mΩ trace for
measurements accuracy).
10
VPORT_NEG2
Analog I/O
Negative port output
11
PORT_SENSE3
Analog Input
Sense resistor port input
(Connected to 0.36
Ω, 1% resistor to QGND with ~12 mΩ trace for
measurements accuracy).
12
VPORT_NEG3
Analog I/O
Negative port output
13
N/C
Analog I/O
Test pin for production use only
Keep open, not connected
14
N/C
Analog I/O
15
VMAIN
Power
Supplies voltage for the internal analog circuitry. A low ESR 1 uF (or
higher) bypass capacitor, connected to AGND should be placed as
close as possible to this pin through low resistance traces.
16
VAUX5
Power
Regulated 5 VDC output voltage source; it needs to be connected to
a filtering capacitor of 4.7 uF or higher.
If an external NPN is used to regulate the voltage, connect this pin to
the "Emitter" (the "collector" should be connected to Vmain)
17
DRV_VAUX5
Power
Driven outputs for 5 VDC external regulation; if internal regulation is
used, connect to pin 16.
If an external NPN is used to regulate the voltage, connect this pin to
the "Base".
18
AGND
Power
Analog ground
19
VAUX3P3_INT
Power
Connected to VAX3P3 (pin 20) if internal 3.3 VDC regulator is used.
Connect to VAUX5 (pin 16) if external 3.3 VDC regulator is used
20
VAUX3P3
Power
Regulated 3.3v output voltage source. A 4.7
μF or higher filtering
capacitor should be connected between this pin and AGND.
When an external 3.3 VDC regulator is used, connect it to this pin to
supply the chip.
21
QGND
Power
Quiet analog ground.
22
IREF
Analog Input
Reference resistor pin. Connect a 30.1
kΩ 1% resistor to QGND.
23
TRIM
Analog Input
Trimming Input for IC production.
Should be connected to VAUX3P3.
24
REG_EN_N
REG_EN_N
Enable/Disable the internal 3.3 VDC regulator in case an external
3.3 VDC is used to supply the chip.
• GND: Internal regulator enabled
• 3.3 VDC: Internal regulator disabled
25
VPORT_NEG4
Analog I/O
Negative port output.
26
PORT_SENSE4
Analog Input
Sense resistor port input
(Connected to 0.36
Ω, 1% resistor to QGND with ~12 mΩ trace for
measurements accuracy).
27
VPORT_NEG5
Analog I/O
Negative port output.
28
PORT_SENSE5
Analog Input
Sense resistor port input.
(Connected to 0.36
Ω, 1% resistor to QGND with ~12 mΩ trace for
measurements accuracy).
29
N/C
Not Connected
30
AGND
Power
Analog ground.
31
VPORT_NEG6
Analog I/O
Negative port output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com