Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processo
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 26Page - Texas Instruments TMS320DM643 Datasheet HTML 27Page - Texas Instruments TMS320DM643 Datasheet HTML 28Page - Texas Instruments TMS320DM643 Datasheet HTML 29Page - Texas Instruments TMS320DM643 Datasheet HTML 30Page - Texas Instruments TMS320DM643 Datasheet HTML 31Page - Texas Instruments TMS320DM643 Datasheet HTML 32Page - Texas Instruments TMS320DM643 Datasheet HTML 33Page - Texas Instruments TMS320DM643 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 160 page
background image
www.ti.com
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005
Table 2-4. Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
HD31/MRCLK(3)
G1
HD30/MCRS(3)
H3
HD29/MRXER(3)
G2
HD28/MRXDV(3)
J4
HD27/MRXD3(3)
H2
HD26/MRXD2(3)
J3
HD25/MRXD1(3)
J1
HD24/MRXD0(3)
K4
HD23
K1
HD22/MTCLK(3)
L4
Host-port data (I/O/Z) [default] or EMAC transmit/receive or control pins
HD21/MCOL(3)
K2
As HPI data bus
HD20/MTXEN(3)
L3
•
Used for transfer of data, address, and control
HD19/MTXD3(3)
L2
•
Host-Port bus width user-configurable at device reset via a 10-k
Ω resistor
pullup/pulldown resistor on the HD5 pin:
HD18/MTXD2(3)
M4
Boot Configuration:
HD17/MTXD1(3)
M2
•
HD5 pin = 0: HPI operates as an HPI16.
HD16/MTXD0(3)
M3
I/O/Z
(HPI bus is 16 bits wide. HD[15:0] pins are used and the remaining
HD15
T3
HD[31:16] pins are reserved pins in the high-impedance state.)
HD14
U1
•
HD5 pin = 1: HPI operates as an HPI32.
(HPI bus is 32 bits wide. All HD[31:0] pins are used for host-port operations.)
HD13
U3
HD12
U2
For superset devices like DM643, the HD31 through HD16 pins can also function
as EMAC transmit/receive or control pins (when MAC_EN pin = 1). For more
HD11
U4
details on the EMAC pin functions, see the Ethernet MAC (EMAC) peripheral
HD10
V1
section of this table and for more details on how to configure the EMAC pin
functions, see the device configuration section of this data sheet.
HD9
V3
HD8
V2
HD7
W2
HD6
W4
HD5
Y1
HD4
W3
HD3
Y2
HD2
Y4
HD1
AA1
HD0
Y3
EMIFA (64-bit) – CONTROL SIGNALS COMMON TO ALL TYPES OF MEMORY
ACE3
L26
O/Z
IPU
EMIFA memory space enables
ACE2
K23
O/Z
IPU
•
Enabled by bits 28 through 31 of the word address
ACE1
K24
O/Z
IPU
•
Only one pin is asserted during any external data access
ACE0
K25
O/Z
IPU
ABE7
T22
O/Z
IPU
ABE6
T23
O/Z
IPU
EMIFA byte-enable control
ABE5
R25
O/Z
IPU
•
Decoded from the low-order address bits. The number of address bits or
ABE4
R26
O/Z
IPU
byte enables used depends on the width of external memory.
ABE3
M25
O/Z
IPU
•
Byte-write enables for most types of memory
ABE2
M26
O/Z
IPU
•
Can be directly connected to SDRAM read and write mask signal (SDQM)
ABE1
L23
O/Z
IPU
ABE0
L24
O/Z
IPU
30
Device Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com