Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processo
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 48Page - Texas Instruments TMS320DM643 Datasheet HTML 49Page - Texas Instruments TMS320DM643 Datasheet HTML 50Page - Texas Instruments TMS320DM643 Datasheet HTML 51Page - Texas Instruments TMS320DM643 Datasheet HTML 52Page - Texas Instruments TMS320DM643 Datasheet HTML 53Page - Texas Instruments TMS320DM643 Datasheet HTML 54Page - Texas Instruments TMS320DM643 Datasheet HTML 55Page - Texas Instruments TMS320DM643 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 160 page
background image
www.ti.com
1
0
VP1
Lower Data (10 pins)
VP1 (Channel A)
Reserved for C64x Compatibility.
McBSP1 peripheral not supported on
DM643.
MCBSP1EN [PERCFG.2](B)
1
0
VP1
Upper Data (10 pins)
VP1 (Channel B)
VP1 (Channel A)
1
0
MCASP0EN [PERCFG.0]
McASP0 Data
MCBSP1EN [PERCFG.2](B)
MCASP0EN [PERCFG.0]
VP1D[9:0]
VP1D[19:12] Muxed(A)
VP1D[11:10] Standalone
A. Consists of: VP1D[19:12]/AXR0[7:0]
B. McBSP1 peripheral not supported on DM643. For proper DM643 device operation, the MCBSP1EN bit must be
set to zero.
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005
Table 3-4. Peripheral Configuration (PERCFG) Register Selection Bit Descriptions (continued)
BIT
NAME
DESCRIPTION
McASP0 vs. VP1 upper-data pins select bit.
Selects whether the McASP0 peripheral or the VP1 upper-data pins are enabled.
0 = McASP0 is disabled; VP1 upper-data pins are enabled; and the VP1lower-data pins are dependent on
the MCSBP1EN and VP1EN bits (default).
0
MCASP0EN
1 = McASP0 is enabled; VP1 upper-data pins are disabled; and the VP1 lower-data pins are dependent
on the MCSBP1EN and VP1EN bits.
For a graphic (logic) representation of this Peripheral Configuration (PERCFG) Register selection bit and
the signal pins controlled/selected, see Figure 3-2.
Figure 3-2. VP1, McBSP1, McBSP0, and McASP0 Data/Control Pin Muxing
52
Device Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com