Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processo
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 47Page - Texas Instruments TMS320DM643 Datasheet HTML 48Page - Texas Instruments TMS320DM643 Datasheet HTML 49Page - Texas Instruments TMS320DM643 Datasheet HTML 50Page - Texas Instruments TMS320DM643 Datasheet HTML 51Page - Texas Instruments TMS320DM643 Datasheet HTML 52Page - Texas Instruments TMS320DM643 Datasheet HTML 53Page - Texas Instruments TMS320DM643 Datasheet HTML 54Page - Texas Instruments TMS320DM643 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 160 page
background image
www.ti.com
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005
31
24
Reserved
R-0
23
16
Reserved
R-0
15
8
Reserved
R-0
7
6
5
4
3
2
1
0
Reserved
VP2EN
VP1EN
Reserved
I2C0EN
MCBSP1EN(1)
MCBSP0EN
MCASP0EN
R-0
R/W-0
R/W-0
R-0
R/W-0
R/W-1
R/W-1
R/W-0
Legend: R = Read only, R/W = Read/Write, -n = value after reset
(1) The DM643 device does not support the McBSP1 peripheral.
Figure 3-1. Peripheral Configuration Register (PERCFG)
[Address Location: 0x01B3F000 - 0x01B3F003]
Table 3-4. Peripheral Configuration (PERCFG) Register Selection Bit Descriptions
BIT
NAME
DESCRIPTION
31:7
Reserved
Reserved. Read-only, writes have no effect.
VP2 Enable bit.
Determines whether the VP2 peripheral is enabled or disabled.
6
VP2EN
0 = VP2 is disabled, the module is powered down (default).
(This feature allows power savings by disabling the peripheral when not in use.)
1 = VP2 is enabled.
VP1 Enable bit.
Determines whether the VP1 peripheral is enabled or disabled.
0 = VP1 is disabled, the module is powered down (default).
5
VP1EN
(This feature allows power savings by disabling the peripheral when not in use.)
1 = VP1 is enabled.
Note: For proper DM643 device operation, the MCBSP1EN bit must be set to zero (0).
4
Reserved
Reserved. Read-only, writes have no effect.
Inter-integrated circuit 0 (I2C0) enable bit.
Selects whether I2C0 peripheral is enabled or disabled (default).
3
I2C0EN
0 = I2C0 is disabled, the module is powered down (default).
1 = I2C0 is enabled.
For C64x compatibility and possible future expansion, at device reset this bit is a one (1). The DM643
device does not support the McBSP1 peripheral.
2
MCBSP1EN
Note: For proper DM643 device operation, this bit must be set to zero (0).
McBSP0 Enable bit.
Determines whether the McBSP0 peripheral is enabled or disabled.
0 = McBSP0 is disabled, the module is powered down.
1
MCBSP0EN
(This feature allows power savings by disabling the peripheral when not in use.)
1 = McBSP0 is enabled (default).
For a graphic (logic) representation of this Peripheral Configuration (PERCFG) Register selection bit and
the signal pins controlled/selected, see Figure 3-2.
Device Configurations
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com