Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processo
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 53Page - Texas Instruments TMS320DM643 Datasheet HTML 54Page - Texas Instruments TMS320DM643 Datasheet HTML 55Page - Texas Instruments TMS320DM643 Datasheet HTML 56Page - Texas Instruments TMS320DM643 Datasheet HTML 57Page - Texas Instruments TMS320DM643 Datasheet HTML 58Page - Texas Instruments TMS320DM643 Datasheet HTML 59Page - Texas Instruments TMS320DM643 Datasheet HTML 60Page - Texas Instruments TMS320DM643 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 160 page
background image
www.ti.com
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005
Table 3-8. DM643 Device Multiplexed Pin Configurations
MULTIPLEXED PINS
DEFAULT
DEFAULT
DESCRIPTION
FUNCTION
SETTING
NAME
NO.
CLKOUT4/GP0[1]
D6
CLKOUT4
GP1EN = 0 (disabled)
These pins are software-configurable. To use these pins
as GPIO pins, the GPxEN bits in the GPIO Enable
Register and the GPxDIR bits in the GPIO Direction
Register must be properly configured.
CLKOUT6/GP0[2]
C6
CLKOUT6
GP2EN = 0 (disabled)
GPxEN = 1: GPx pin enabled
GPxDIR = 0: GPx pin is an input
GPxDIR = 1: GPx pin is an output
The VDAC output pin function is default.
To use GP0[8] as a GPIO pin, the GPxEN bits in the GPIO
Enable Register and the GPxDIR bits in the GPIO Direc-
GP8EN = 0 (disabled)
VDAC/GP0[8]
AD1
None
tion Register must be properly configured.
MAC_EN = 0 (disabled)
GP8EN = 1: GP8 pin enabled
GP8DIR = 0: GP8 pin is an input
GP8DIR = 1: GP8 pin is an output
VP1D[19]/AXR0[7]
AB12
VP1D[18]/AXR0[6]
AB11
By default, no function is enabled upon reset.
VP1D[17]/AXR0[5]
AC11
To enable the Video Port 1 data pins, the VP1EN bit in the
VP1EN bit = 0 (disabled) PERCFG register must be set to a 1. (McASP0 data pins
VP1D[16]/AXR0[4]
AD11
None
MCASP0EN bit = 0
are disabled).
VP1D[15]/AXR0[3]
AE11
(disabled)
To enable the McASP0[7:0] data pins, the MCASP0EN bit
VP1D[14]/AXR0[2]
AC10
in the PERCFG register must be set to a 1. (VP1 upper
VP1D[13]/AXR0[1]
AD10
data pins are disabled).
VP1D[12]/AXR0[0]
AC9
HD31/MRCLK
G1
HD31
HD30/MCRS
H3
HD30
HD29/MRXER
G2
HD29
HD28/MRXDV
J4
HD28
HD27/MRXD3
H2
HD27
HD26/MRXD2
J3
HD26
HD25/MRXD1
J1
HD25
To enable the EMAC peripheral, an external pullup resistor
HD24/MRXD0
K4
HD24
MAC_EN = 0 (disabled)
(1 k
Ω) must be provided on the MAC_EN pin (setting
MAC_EN = 1 at reset).
HD22/MTCLK
L4
HD22
HD21/MCOL
K2
HD21
HD20/MTXEN
L3
HD20
HD19/MTXD3
L2
HD19
HD18/MTXD2
M4
HD18
HD17/MTXD1
M2
HD17
HD16/MTXD0
M3
HD16
Device Configurations
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com