Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processo
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 34Page - Texas Instruments TMS320DM643 Datasheet HTML 35Page - Texas Instruments TMS320DM643 Datasheet HTML 36Page - Texas Instruments TMS320DM643 Datasheet HTML 37Page - Texas Instruments TMS320DM643 Datasheet HTML 38Page - Texas Instruments TMS320DM643 Datasheet HTML 39Page - Texas Instruments TMS320DM643 Datasheet HTML 40Page - Texas Instruments TMS320DM643 Datasheet HTML 41Page - Texas Instruments TMS320DM643 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 160 page
background image
www.ti.com
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005
Table 2-4. Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
MULTICHANNEL AUDIO SERIAL PORT 0 (McASP0) CONTROL
AHCLKX0
AC12
I/O/Z
IPD
McASP0 transmit high-frequency master clock (I/O/Z).
AFSX0
AD12
I/O/Z
IPD
McASP0 transmit frame sync or left/right clock (LRCLK) (I/O/Z).
ACLKX0
AB13
I/O/Z
IPD
McASP0 transmit bit clock (I/O/Z).
AMUTE0
AC13
O/Z
IPD
McASP0 mute output (O/Z).
AMUTEIN0
AD13
I/O/Z
IPD
McASP0 mute input (I/O/Z).
AHCLKR0
AB14
I/O/Z
IPD
McASP0 receive high-frequency master clock (I/O/Z).
AFSR0
AC14
I/O/Z
IPD
McASP0 receive frame sync or left/right clock (LRCLK) (I/O/Z).
ACLKR0
AD14
I/O/Z
IPD
McASP0 receive bit clock (I/O/Z).
MULTICHANNEL AUDIO SERIAL PORT 0 (McASP0) DATA
VP1D[19]/AXR0[7](3)
AB12
VP1D[18]/AXR0[6](3)
AB11
VP1D[17]/AXR0[5](3)
AC11
VP1D[16]/AXR0[4](3)
AD11
VP1 input/output data pins [19:12] (I/O/Z) or McASP0 TX/RX data pins [7:0]
I/O/Z
IPD
(I/O/Z) [default].
VP1D[15]/AXR0[3](3)
AE11
VP1D[14]/AXR0[2](3)
AC10
VP1D[13]/AXR0[1](3)
AD10
VP1D[12]/AXR0[0](3)
AC9
RESERVED FOR TEST
RSV07
H7
A
—
Reserved. This pin must be connected directly to CVDD for proper operation.
RSV08
R6
A
—
Reserved. This pin must be connected directly to DVDD for proper operation.
RSV05
E14
I
IPD
RSV06
W7
A
—
RSV00
AA3
A
—
RSV01
AB3
I
—
Reserved (leave unconnected, do not connect to power or ground)
RSV02
AC4
O/Z
—
RSV03
AD3
O/Z
—
RSV04
AF3
O
IPU
ADDITIONAL RESERVED FOR TEST
Reserved. For proper DM643 device operation, this pin at device reset must be
RSV09
E2
I
IPD
pulled down via a 10-k
Ω external resistor.
RSV10
V4
I/O/Z
—
Reserved. This pin must be pulled down via a 10-k
Ω external resistor.
RSV12
R4
I
IPU
RSV11
T4
O
IPD
RSV17
AB15
I/O/Z
IPD
RSV16
AC15
I/O/Z
IPD
RSV21
AC17
I/O/Z
IPD
RSV15
AD15
I/O/Z
IPD
RSV23
AD16
I
IPD
Reserved (leave unconnected, do not connect to power or ground)
RSV22
AD17
I/O/Z
IPD
RSV20
AE17
I/O/Z
IPD
RSV14
AE18
I/O/Z
IPD
RSV19
AF12
I/O/Z
IPD
RSV18
AF14
I
IPD
RSV13
AF18
I/O/Z
IPD
38
Device Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com