Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processo
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 99 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 95Page - Texas Instruments TMS320DM643 Datasheet HTML 96Page - Texas Instruments TMS320DM643 Datasheet HTML 97Page - Texas Instruments TMS320DM643 Datasheet HTML 98Page - Texas Instruments TMS320DM643 Datasheet HTML 99Page - Texas Instruments TMS320DM643 Datasheet HTML 100Page - Texas Instruments TMS320DM643 Datasheet HTML 101Page - Texas Instruments TMS320DM643 Datasheet HTML 102Page - Texas Instruments TMS320DM643 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 160 page
background image
www.ti.com
HOLD
HOLDA
EMIF Bus(A)
DSP Owns Bus
External Requestor
Owns Bus
DSP Owns Bus
DM643
DM643
1
3
2
5
4
AECLKOUTx(B)
(EKxHZ = 0)
AECLKOUTx(B)
(EKxHZ = 1)
6
7
A.
EMIFA Bus consists of: ACE[3:0], ABE[7:0], AED[63:0], AEA[22:3], AARE/ASDCAS/ASADS/ASRE, AAOE/ASDRAS/ASOE,
and AAWE/ASDWE/ASWE, ASDCKE, ASOE3, and APDT.
B.
The EKxHZ bits in the EMIF Global Control register (GBLCTL) determine the state of the ECLKOUTx signals during HOLDA. If
EKxHZ = 0, ECLKOUTx continues clocking during Hold mode. If EKxHZ = 1, ECLKOUTx goes to high impedance during Hold
mode, as shown in this figure.
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005
5.8.3.4
HOLD/HOLDA Timing
Table 5-27. Timing Requirements for the HOLD/HOLDA Cycles for EMIFA Module
(1) (see Figure 5-30)
–500
–600
NO.
UNIT
MIN
MAX
MIN
MAX
3
th(HOLDAL-HOLDL)
Hold time, HOLD low after HOLDA low
E
E
ns
(1)
E = the EMIF input clock (ECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA.
Table 5-28. Switching Characteristics Over Recommended Operating Conditions for the HOLD/HOLDA
Cycles for EMIFA Module
(1) (2) (3) (see Figure 5-30)
–500
–600
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
1
td(HOLDL-EMHZ)
Delay time, HOLD low to EMIFA Bus high impedance
2E
(4)
2E
(4)
ns
2
td(EMHZ-HOLDAL)
Delay time, EMIF Bus high impedance to HOLDA low
0
2E
0
2E
ns
4
td(HOLDH-EMLZ)
Delay time, HOLD high to EMIF Bus low impedance
2E
7E
2E
7E
ns
5
td(EMLZ-HOLDAH)
Delay time, EMIFA Bus low impedance to HOLDA high
0
2E
0
2E
ns
6
td(HOLDL-EKOHZ)
Delay time, HOLD low to AECLKOUTx high impedance
2E
(4)
2E
(4)
ns
7
td(HOLDH-EKOLZ)
Delay time, HOLD high to AECLKOUTx low impedance
2E
7E
2E
7E
ns
(1)
E = the EMIF input clock (ECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA.
(2)
EMIFA Bus consists of: ACE[3:0], ABE[7:0], AED[63:0], AEA[22:3], AARE/ASDCAS/ASADS/ASRE, AAOE/ASDRAS/ASOE, and
AAWE/ASDWE/ASWE, ASDCKE, ASOE3, and APDT.
(3)
The EKxHZ bits in the EMIF Global Control register (GBLCTL) determine the state of the ECLKOUTx signals during HOLDA. If EKxHZ =
0, ECLKOUTx continues clocking during Hold mode. If
EKxHZ = 1, ECLKOUTx goes to high impedance during Hold mode, as shown in Figure 5-30.
(4)
All pending EMIF transactions are allowed to complete before HOLDA is asserted. If no bus transactions are occurring, then the
minimum delay time can be achieved. Also, bus hold can be indefinitely delayed by setting NOHOLD = 1.
Figure 5-30. HOLD/HOLDA Timing for EMIFA
DM643 Peripheral Information and Electrical Specifications
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com