Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processo
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 119 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 115Page - Texas Instruments TMS320DM643 Datasheet HTML 116Page - Texas Instruments TMS320DM643 Datasheet HTML 117Page - Texas Instruments TMS320DM643 Datasheet HTML 118Page - Texas Instruments TMS320DM643 Datasheet HTML 119Page - Texas Instruments TMS320DM643 Datasheet HTML 120Page - Texas Instruments TMS320DM643 Datasheet HTML 121Page - Texas Instruments TMS320DM643 Datasheet HTML 122Page - Texas Instruments TMS320DM643 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 160 page
background image
www.ti.com
5.12
Multichannel Buffered Serial Port (McBSP)
5.12.1
McBSP Peripheral Register Description(s)
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005
The McBSP provides these functions:
• Full-duplex communication
• Double-buffered data registers, which allow a continuous data stream
• Independent framing and clocking for receive and transmit
• Direct interface to industry-standard codecs, analog interface chips (AICs), and other serially
connected analog-to-digital (A/D) and digital-to-analog (D/A) devices
On the DM643 device, the McBSP peripheral does not support external clocking to the sample rate
generator (no CLKS input).
For more detailed information on the McBSP peripheral, see the TMS320C6000 DSP Multichannel
Buffered Serial Port (McBSP) Reference Guide (literature number SPRU580).
Table 5-40. McBSP 0 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
The CPU and EDMA controller
018C 0000
DRR0
McBSP0 data receive register via Configuration Bus
can only read this register; they
cannot write to it.
0x3000 0000 – 0x33FF FFFF
DRR0
McBSP0 data receive register via Peripheral Bus
018C 0004
DXR0
McBSP0 data transmit register via Configuration Bus
0x3000 0000 – 0x33FF FFFF
DXR0
McBSP0 data transmit register via Peripheral Bus
018C 0008
SPCR0
McBSP0 serial port control register
018C 000C
RCR0
McBSP0 receive control register
018C 0010
XCR0
McBSP0 transmit control register
CLKSP (Bit 30) and CLKSM
018C 0014
SRGR0
McBSP0 sample rate generator register
(Bit 29) are RSV on DM643
018C 0018
MCR0
McBSP0 multichannel control register
018C 001C
RCERE00
McBSP0 enhanced receive channel enable register 0
018C 0020
XCERE00
McBSP0 enhanced transmit channel enable register 0
018C 0024
PCR0
McBSP0 pin control register
018C 0028
RCERE10
McBSP0 enhanced receive channel enable register 1
018C 002C
XCERE10
McBSP0 enhanced transmit channel enable register 1
018C 0030
RCERE20
McBSP0 enhanced receive channel enable register 2
018C 0034
XCERE20
McBSP0 enhanced transmit channel enable register 2
018C 0038
RCERE30
McBSP0 enhanced receive channel enable register 3
018C 003C
XCERE30
McBSP0 enhanced transmit channel enable register 3
018C 0040 – 018F FFFF
–
Reserved
DM643 Peripheral Information and Electrical Specifications
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com