Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 143 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processo
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 143 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 139Page - Texas Instruments TMS320DM643 Datasheet HTML 140Page - Texas Instruments TMS320DM643 Datasheet HTML 141Page - Texas Instruments TMS320DM643 Datasheet HTML 142Page - Texas Instruments TMS320DM643 Datasheet HTML 143Page - Texas Instruments TMS320DM643 Datasheet HTML 144Page - Texas Instruments TMS320DM643 Datasheet HTML 145Page - Texas Instruments TMS320DM643 Datasheet HTML 146Page - Texas Instruments TMS320DM643 Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 160 page
background image
www.ti.com
5.16
Management Data Input/Output (MDIO)
5.16.1
Device-Specific Information
5.16.2
Peripheral Register Description(s)
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005
The MDIO module controls PHY configuration and status monitoring.
The management data input/output (MDIO) module continuously polls all 32 MDIO addresses in order to
enumerate all PHY devices in the system.
The management data input/output (MDIO) module implements the 802.3 serial management interface to
interrogate and control Ethernet PHY(s) using a shared two-wire bus. Host software uses the MDIO
module to configure the auto-negotiation parameters of each PHY attached to the EMAC, retrieve the
negotiation results, and configure required parameters in the EMAC module for correct operation. The
module is designed to allow almost transparent operation of the MDIO interface, with very little
maintenance from the core processor.
The TMS320C6000 DSP Ethernet Media Access Controller (EMAC) / Management Data Input/Output
(MDIO) Module Reference Guide (literature number SPRU628) describes the DM643 MDIO peripheral in
detail. Some of the features documented in this peripheral reference guide are not supported on the
DM643 at this time. The DM643 only supports one EMAC module. For a list of supported registers and
register fields, see Table 5-68 [MDIO Registers] in this data manual.
Table 5-68. MDIO Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01C8 3800
VERSION
MDIO Version Register
01C8 3804
CONTROL
MDIO Control Register
01C8 3808
ALIVE
MDIO PHY Alive Indication Register
01C8 380C
LINK
MDIO PHY Link Status Register
MDIO Link Status Change Interrupt Register
01C8 3810
LINKINTRAW
(MAC1 field is reserved and only supports writes of 0.)
MDIO Link Status Change Interrupt (Masked) Register
01C8 3814
LINKINTMASKED
(MAC1 field is reserved and only supports writes of 0.)
MDIO User Command Complete Interrupt Register
01C8 3818
USERINTRAW
(MAC1 field is reserved and only supports writes of 0.)
MDIO User Command Complete Interrupt (Masked) Register
01C8 381C
USERINTMASKED
(MAC1 field is reserved and only supports writes of 0.)
MDIO User Command Complete Interrupt Mask Set Register
01C8 3820
USERINTMASKSET
(MAC1 field is reserved and only supports writes of 0.)
MDIO User Command Complete Interrupt Mask Clear Register
01C8 3824
USERINTMASKCLEAR
(MAC1 field is reserved and only supports writes of 0.)
01C8 3828
USERACCESS0
MDIO User Access Register 0
01C8 382C
USERACCESS1
Reserved. Do not write.
01C8 3830
USERPHYSEL0
MDIO User PHY Select Register 0
01C8 3834
USERPHYSEL1
Reserved. Do not write.
01C8 3838 – 01C8 3FFF
–
Reserved
DM643 Peripheral Information and Electrical Specifications
143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com