Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8411LP2FE Datasheet(PDF) 5 Page - Analog Devices

Part # HMC8411LP2FE
Description  Low Noise Amplifier, 0.01 GHz to 10 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8411LP2FE Datasheet(HTML) 5 Page - Analog Devices

  HMC8411LP2FE Datasheet HTML 1Page - Analog Devices HMC8411LP2FE Datasheet HTML 2Page - Analog Devices HMC8411LP2FE Datasheet HTML 3Page - Analog Devices HMC8411LP2FE Datasheet HTML 4Page - Analog Devices HMC8411LP2FE Datasheet HTML 5Page - Analog Devices HMC8411LP2FE Datasheet HTML 6Page - Analog Devices HMC8411LP2FE Datasheet HTML 7Page - Analog Devices HMC8411LP2FE Datasheet HTML 8Page - Analog Devices HMC8411LP2FE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
HMC8411LP2FE
Rev. A | Page 5 of 23
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter1
Rating
Drain Bias Voltage (VDD)
7 V
Radio Frequency Input (RFIN) Power
20 dBm
Channel Temperature
175°C
Continuous Power Dissipation (PDISS), T = 85°C
(Derate 12.2 mW/°C Above 85°C)
1.098 W
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Peak Reflow Temperature Moisture
Sensitivity Level 1 (MSL1)2
260°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
500 V,
Class 1B passed
1
When referring to a single function of a multifunction pin in the parameters,
only the portion of the pin name that is relevant to the specification is listed.
For full pin names of multifunction pins, refer to the Pin Configuration and
Function Descriptions section.
2
See the Ordering Guide section for more information.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
θJC is the junction to case thermal resistance.
Table 5. Thermal Resistance
Package Type
θJC
Unit
CP-6-12
82
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com