Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8411LP2FE Datasheet(PDF) 19 Page - Analog Devices

Part # HMC8411LP2FE
Description  Low Noise Amplifier, 0.01 GHz to 10 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8411LP2FE Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC8411LP2FE Datasheet HTML 15Page - Analog Devices HMC8411LP2FE Datasheet HTML 16Page - Analog Devices HMC8411LP2FE Datasheet HTML 17Page - Analog Devices HMC8411LP2FE Datasheet HTML 18Page - Analog Devices HMC8411LP2FE Datasheet HTML 19Page - Analog Devices HMC8411LP2FE Datasheet HTML 20Page - Analog Devices HMC8411LP2FE Datasheet HTML 21Page - Analog Devices HMC8411LP2FE Datasheet HTML 22Page - Analog Devices HMC8411LP2FE Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
HMC8411LP2FE
Rev. A | Page 19 of 23
APPLICATIONS INFORMATION
The basic connections for operating the HMC8411LP2FE are
shown in Figure 70. AC couple the input and output of the
HMC8411LP2FE with appropriately sized capacitors. DC block
capacitors are supplied on the RFIN and RFOUT pin of the
evaluation board. A 5 V dc bias is supplied to the amplifier
through the choke inductor connected to the RFOUT pin.
The HMC8411LP2FE operates in self-bias mode when the RBIAS
pin is connected to a 1.1 kΩ external resistor to achieve a 55 mA
supply current.
Refer to Table 7 for the recommended resistor values to achieve
different supply currents.
RECOMMENDED BIAS SEQUENCING
During Power-Up
The recommended bias sequence during power-up follows:
1. Set VDD to 5 V.
2. Apply the RF signal.
During Power-Down
The recommended bias sequence during power-down follows:
1. Turn off the RF signal.
2. Set VDD to 0 V.
The bias conditions, VDD = 5 V and IDQ = 55 mA, are the
recommended operating point to achieve optimum performance.
The data used in this data sheet was taken with the recommended
bias conditions. Using the HMC8411LP2FE with different bias
conditions can provide different performance than what is
shown in the Typical Performance Characteristics section.
Table 7. Recommended Bias Resistor Values
RBIAS (Ω)
IDQ (mA)
Amplifier Current, IDQ_AMP (mA)
RBIAS Current, IDQ_BIAS (mA)
400
80
75.97
4.03
510
75
71.32
3.68
635
70
66.64
3.36
780
65
61.95
3.05
960
60
57.27
2.73
1100
55
52.47
2.53
1400
50
47.82
2.18
1800
45
43.16
1.84
2270
40
38.45
1.55
3000
35
33.75
1.25
4000
30
29.15
0.85
5700
25
24.93
0.07
9000
20
19.95
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com