Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8411LP2FE Datasheet(PDF) 7 Page - Analog Devices

Part # HMC8411LP2FE
Description  Low Noise Amplifier, 0.01 GHz to 10 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8411LP2FE Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC8411LP2FE Datasheet HTML 3Page - Analog Devices HMC8411LP2FE Datasheet HTML 4Page - Analog Devices HMC8411LP2FE Datasheet HTML 5Page - Analog Devices HMC8411LP2FE Datasheet HTML 6Page - Analog Devices HMC8411LP2FE Datasheet HTML 7Page - Analog Devices HMC8411LP2FE Datasheet HTML 8Page - Analog Devices HMC8411LP2FE Datasheet HTML 9Page - Analog Devices HMC8411LP2FE Datasheet HTML 10Page - Analog Devices HMC8411LP2FE Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
HMC8411LP2FE
Rev. A | Page 7 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
0
200
FREQUENCY (MHz)
25
50
75
100
125
150
175
S11
S21
S22
20
–30
–20
–10
0
10
Figure 7. Gain and Return Loss (Response) vs. Frequency, 10 MHz to 200 MHz,
VDD = 5 V, IDQ = 55 mA
18
4
6
8
10
12
14
16
0
200
FREQUENCY (MHz)
25
50
75
100
125
150
175
+85°C
+25°C
–40°C
Figure 8. Gain vs. Frequency, 10 MHz to 200 MHz, for Various Temperatures,
VDD = 5 V, IDQ = 55 mA
18
4
6
8
10
12
14
16
0
12
FREQUENCY (GHz)
2
4
6
8
10
2V, IDD = 20mA
3V, IDD = 32mA
4V, IDD = 44mA
5V, IDD = 55mA
6V, IDD = 67mA
Figure 9. Gain vs. Frequency for Various Supply Voltages and Currents (IDD),
RBIAS = 1.1 kΩ
20
–30
0
16
–20
–10
0
10
S11
S21
S22
2
4
6
8
10
12
14
FREQUENCY (GHz)
Figure 10. Broadband Gain and Return Loss (Response) vs. Frequency,
200 MHz to 16 GHz, VDD = 5 V, IDQ = 55 mA
18
4
6
8
10
12
14
16
0
12
2
4
6
8
10
+85°C
+25°C
–40°C
FREQUENCY (GHz)
Figure 11. Gain vs. Frequency, 200 MHz to 12 GHz, for Various Temperatures,
VDD = 5 V, IDQ = 55 mA
18
4
6
8
10
12
14
16
0
12
2
4
6
8
10
510Ω, IDQ = 75mA
780Ω, IDQ = 65mA
1.1kΩ, IDQ = 55mA
1.8kΩ, IDQ = 45mA
3.0kΩ, IDQ = 35mA
FREQUENCY (GHz)
Figure 12. Gain vs. Frequency for Various Bias Resistor Values and IDQ,
VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com