Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8411LP2FE Datasheet(PDF) 1 Page - Analog Devices

Part # HMC8411LP2FE
Description  Low Noise Amplifier, 0.01 GHz to 10 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8411LP2FE Datasheet(HTML) 1 Page - Analog Devices

  HMC8411LP2FE Datasheet HTML 1Page - Analog Devices HMC8411LP2FE Datasheet HTML 2Page - Analog Devices HMC8411LP2FE Datasheet HTML 3Page - Analog Devices HMC8411LP2FE Datasheet HTML 4Page - Analog Devices HMC8411LP2FE Datasheet HTML 5Page - Analog Devices HMC8411LP2FE Datasheet HTML 6Page - Analog Devices HMC8411LP2FE Datasheet HTML 7Page - Analog Devices HMC8411LP2FE Datasheet HTML 8Page - Analog Devices HMC8411LP2FE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Low Noise Amplifier,
0.01 GHz to 10 GHz
Data Sheet
HMC8411LP2FE
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low noise figure: 1.7 dB typical
Single positive supply (self biased)
High gain: 15.5 dB typical
High OIP3: 34 dBm typical
6-lead, 2 mm × 2 mm LFCSP
APPLICATIONS
Test instrumentation
Military communications
FUNCTIONAL BLOCK DIAGRAM
2
1
3
6
5
4
NC
RFIN
RBIAS
NC
RFOUT/VDD
GND
HMC8411LP2FE
TOP VIEW
(Not to Scale)
Figure 1.
GENERAL DESCRIPTION
The HMC8411LP2FE is a gallium arsenide (GaAs), monolithic
microwave integrated circuit (MMIC), pseudomorphic high
electron mobility transistor (pHEMT), low noise wideband
amplifier that operates from 0.01 GHz to 10 GHz.
The HMC8411LP2FE provides a typical gain of 15.5 dB, a
1.7 dB typical noise figure, and a typical output third-order
intercept (OIP3) of 34 dBm, requiring only 55 mA from a 5 V
supply voltage. The saturated output power (PSAT) of 19.5 dBm
typical enables the low noise amplifier (LNA) to function as a
local oscillator (LO) driver for many of Analog Devices, Inc.,
balanced, in-phase/quadrature (I/Q), or image rejection mixers.
The HMC8411LP2FE also features inputs and outputs that are
internally matched to 50 Ω, making the device ideal for surface-
mounted technology (SMT)-based, high capacity microwave
radio applications.
The HMC8411LP2FE is housed in a RoHS-compliant, 2 mm ×
2 mm, 6-lead LFCSP.
Multifunction pin names may be referenced by their relevant
function only.


Similar Part No. - HMC8411LP2FE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8410 AD-HMC8410 Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410 AD-HMC8410 Datasheet
749Kb / 17P
Low Noise Amplifier
Nov-2017
HMC8410CHIPS AD-HMC8410CHIPS Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410CHIPS-SX AD-HMC8410CHIPS-SX Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410LP2FE AD-HMC8410LP2FE Datasheet
749Kb / 17P
Low Noise Amplifier
Nov-2017
More results

Similar Description - HMC8411LP2FE

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A1000 PASTERNACK-PE15A1000 Datasheet
466Kb / 6P
1.5 dB NF, 10 mW, 1 GHz to 2 GHz, Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD167 MMIC-CMD167 Datasheet
214Kb / 9P
10-17 GHz Low Noise Amplifier
CMD189P3 MMIC-CMD189P3 Datasheet
243Kb / 10P
10-14 GHz Low Noise Amplifier
logo
Analog Devices
HMC8412 AD-HMC8412 Datasheet
430Kb / 18P
Low Noise Amplifier, 0.4 GHz to 11 GHz
5/2020-Revision 0
ADL9005 AD-ADL9005 Datasheet
616Kb / 24P
Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
2/2021-Revision 0
logo
Marki Microwave
APM-7099SM MARKIMICROWAVE-APM-7099SM Datasheet
1Mb / 13P
0.01-20 GHz Surface Mount Low Phase Noise Amplifier
logo
Analog Devices
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
HMC8413 AD-HMC8413 Datasheet
621Kb / 21P
Low Noise Amplifier, 0.01 GHz to 9 GHz
10/2021-Revision 0
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
HMC8414 AD-HMC8414 Datasheet
3Mb / 34P
Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com