Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8411LP2FE Datasheet(PDF) 16 Page - Analog Devices

Part # HMC8411LP2FE
Description  Low Noise Amplifier, 0.01 GHz to 10 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8411LP2FE Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC8411LP2FE Datasheet HTML 12Page - Analog Devices HMC8411LP2FE Datasheet HTML 13Page - Analog Devices HMC8411LP2FE Datasheet HTML 14Page - Analog Devices HMC8411LP2FE Datasheet HTML 15Page - Analog Devices HMC8411LP2FE Datasheet HTML 16Page - Analog Devices HMC8411LP2FE Datasheet HTML 17Page - Analog Devices HMC8411LP2FE Datasheet HTML 18Page - Analog Devices HMC8411LP2FE Datasheet HTML 19Page - Analog Devices HMC8411LP2FE Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
HMC8411LP2FE
Data Sheet
Rev. A | Page 16 of 23
0
1.0
FREQUENCY (GHz)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
55
0
5
10
15
20
25
30
35
40
45
50
2V, IDD = 20mA
3V, IDD = 32mA
4V, IDD = 44mA
5V, IDD = 55mA
6V, IDD = 67mA
Figure 61. OIP2 vs. Frequency, 0.01 GHz to 1.0 GHz, for
Various Supply Voltages and IDD, RBIAS = 1.1 kΩ
0
1.0
FREQUENCY (GHz)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
55
0
5
10
15
20
25
30
35
40
45
50
510Ω, IDQ = 75mA
780Ω, IDQ = 65mA
1.1kΩ, IDQ = 55mA
1.8kΩ, IDQ = 45mA
3.0kΩ, IDQ = 35mA
Figure 62. OIP2 vs. Frequency, 0.01 GHz to 1.0 GHz, for
Various Bias Resistor Values and IDQ, VDD = 5 V
75
50
–10
14
INPUT POWER (dBm)
55
60
65
70
–6
–2
2
6
10
10GHz
5GHz
1GHz
Figure 63. IDD vs. Input Power for Various Frequencies,
VDD = 5 V
0
12
2
4
6
8
10
FREQUENCY (GHz)
55
0
5
10
15
20
25
30
35
40
45
50
2V, IDD = 20mA
3V, IDD = 32mA
4V, IDD = 44mA
5V, IDD = 55mA
6V, IDD = 67mA
Figure 64. OIP2 vs. Frequency, 1 GHz to 12 GHz, for
Various Supply Voltages and IDD, RBIAS = 1.1 kΩ
0
12
2
4
6
8
10
FREQUENCY (GHz)
55
0
5
10
15
20
25
30
35
40
45
50
510Ω, IDQ = 75mA
780Ω, IDQ = 65mA
1.1kΩ, IDQ = 55mA
1.8kΩ, IDQ = 45mA
3.0kΩ, IDQ = 35mA
Figure 65. OIP2 vs. Frequency, 1 GHz to 12 GHz, for
Various Bias Resistor Values and IDQ, VDD = 5 V
–120
–180
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
–170
–160
–150
–140
–130
Figure 66. Additive Phase Noise vs. Offset Frequency,
RF Frequency = 6 GHz, RF Input Power = 0 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com