Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8411LP2FE Datasheet(PDF) 21 Page - Analog Devices

Part # HMC8411LP2FE
Description  Low Noise Amplifier, 0.01 GHz to 10 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8411LP2FE Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC8411LP2FE Datasheet HTML 15Page - Analog Devices HMC8411LP2FE Datasheet HTML 16Page - Analog Devices HMC8411LP2FE Datasheet HTML 17Page - Analog Devices HMC8411LP2FE Datasheet HTML 18Page - Analog Devices HMC8411LP2FE Datasheet HTML 19Page - Analog Devices HMC8411LP2FE Datasheet HTML 20Page - Analog Devices HMC8411LP2FE Datasheet HTML 21Page - Analog Devices HMC8411LP2FE Datasheet HTML 22Page - Analog Devices HMC8411LP2FE Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
HMC8411LP2FE
Rev. A | Page 21 of 23
EVALUATION BOARD
The EV1HMC8411LP2F evaluation board is a 4-layer board
fabricated using Rogers 4350 and using best practices for high
frequency RF design. The RF input and RF output traces have a
50 Ω characteristic impedance.
The evaluation board and populated components operate over
the −40°C to +85°C ambient temperature range. For proper bias
sequence, see the Applications Information section.
The evaluation board schematic is shown in Figure 72. A fully
populated and tested evaluation board (see Figure 71) is
available from Analog Devices upon request.
Figure 71. EV1HMC8411LP2F Printed Circuit Board (PCB)
2
1
3
6
5
4
GND
GND
HMC8411LP2FE
R1
1.1kΩ
RFIN
C1
10nF
R2
43Ω
C11
0.1µF
GND
GND
DUT1
GND
RFOUT
L1
0.9µH
L2
590nH
C2
10nF
VDD
C3
0.1µF
C4
10pF
EPAD
NC
RFIN
RBIAS
NC
RFOUT/VDD
GND
GND
C14
100pF
DNI
GND
Figure 72. EV1HMC8411LP2F Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com