Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFT Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8802SCFT
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFT Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8802SCFT Datasheet HTML 34Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 35Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 36Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 37Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 38Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 39Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 40Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 41Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
38
REGISTER INPUT/OUTPUT
CONTENTS
R/W
CCB
ADDRESS
B0
B1
B2
B3
A0
A1
A2
A3
Function setting data input
write
0xE8
0
0
0
1
0
1
1
1
CS data input
write
0xE9
1
0
0
1
0
1
1
1
Interrupt data output
read
0xEA
0
1
0
1
0
1
1
1
fs data output
read
0xEB
1
1
0
1
0
1
1
1
CS data output
read
0xEC
0
0
1
1
0
1
1
1
Pc data output
read
0xED
1
0
1
1
0
1
1
1
Table 17 Relationship between Register Input/Output Contents and CCB Addresses
DATA WRITE METHOD
Input is performed in the following sequence: CCB addresses of A0 to A3 and B0 to B3, chip
addresses of DI0 and DI1, command addresses of DI4 to DI7 and data of DI8 to DI15. DI2 and DI3
are reserved for the system and should always be set to "0".
For the chip addresses, DI0 corresponds to CAL (low-order) and DI1 corresponds to CAU (high-
order).
DATA READ METHOD
Read data is output from DO. DO is in the high impedance state when CE is Low and begins
outputting at the rising edge of CE after the register address is recognised. DO then returns to the
high impedance state at the falling edge of CE.
If DO outputs using multiple WM8802 units are to be shared the DO outputs of the WM8802 can be
set to in a high impedance state using DOEN, This will prevent any misreading of registers from an
unselected device.
INPUT/OUTPUT TIMINGS
B0
DI0
….
A3
A2
A1
A0
B3
B2
B1
DI15
DI5
DI4
DI3
DI2
DI1
DI
DO
Hi-Z
CL
CE
Figure 30 Input Timing Chart (Normal, Low Clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com