Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFT Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8802SCFT
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFT Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8802SCFT Datasheet HTML 28Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 29Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 30Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 31Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 32Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 33Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 34Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 35Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
32
IEC61937, DTS-CD/LD DETECTION FLAG OUTPUT
A function to output IEC61937 and DTS-CD/LD detection flags for non-PCM data is provided.
When the UNPCM non-PCM signal output setting is selected, as well as an indication on the AUDIO
pin, an interrupt signal is output from INT upon detection of an IEC61937 or DTS-CD/LD sync signal.
Non-PCM signal details can be known by reading this information from the output register.
The IEC61937 sync signal is detected and output when channel status bit 1 is non-PCM data ("1").
The IEC61937 sync signal is not output if bit 1 is PCM data (“0”).
DTS-CD/LD sync signal detection is done based on the sync pattern and the base frequency. In the
case of DTS-ES data detection, output is performed when the DTS5.1 channel sync signal is
detected and the DTS-ES sync pattern has been verified.
The IEC61937 and DTS-CD/LD detection flags are cleared when fs has changed or upon occurrence
of a PLL lock error or data error.
Since the DTS sync signal is provided within the audio data, digital data with the same code as the
DTS sync signal may in rare cases exist for regular CD/LD records that are not recorded in the DTS
format. Protection using the sync pattern or base frequency is provided so that such data is not
misinterpreted as DTS-CD/LD detection flags. The detection sequence is shown below.
Frame counter
reset
NO
YES
YES
NO
YES
NO
YES
NO
NO
YES
Input data
DTS-CD/LD
SYNC
detection
*
*
DTS-CD/LD
data hold
Frame counter
start
YES
NO
NO
YES
PaPb
detection
Bit 1 detection
Bit 1 = 1
PaPb
detection
during 4096
frames
IEC61937 flag OK
INT lowered
IEC61937
flag
IEC61937 data
hold
* Depending on the frame count,
the subsequent detection count
is expanded up to x2.
Periodic fluctuation is supported.
Frame count
512, 1024, 2048, 4096
SYNC detection
Frame count hold
x2 count detection
expansion
DTS-CD/LD flag OK
INT lowered
DTS-CD/LD flag
not valid
INT lowered
Frame counter
reset
Frame counter
start
PaPb
detection
during 4096
frames
512
=> 512 or 1024
1024
=> 1024 or 2048
2048
=>
2048 or 4096
4096
=>
4096
1st count
2nd count
Frame count
512, 1024, 2048, 4096
SYNC detection
Figure 24 Detection Flag Output Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com