Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFT Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8802SCFT
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFT Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8802SCFT Datasheet HTML 13Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 14Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 15Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 16Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 17Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 18Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 19Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 20Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
17
OUTPUT CLOCKS (RMCK, RBCK, RLRCK, SBCK, SLRCK)
The WM8802 features two clock systems in order to supply the various clocks for the A/D converter,
DSP and other peripheral devices.
The clock output settings for the R and S systems are set using PRSEL[0:1], XRSEL[0:1],
XRBCK[0:1], XRLRCK[0:1], PSBCK[0:1], PSLRCK[0:1], XSBCK[0:1], and XSLRCK[0:1].
(a)
Setting range for clock output pins when using the PLL source
(1)
RMCK: 1/1, 1/2, and 1/4 of 512fs or 256fs
(2)
RBCK: 64fs output
(3)
RLRCK: fs output
(4)
SBCK: 128fs, 64fs, and 32fs
(5)
SLRCK: 2fs, fs, and fs/2
(b)
Setting range for clock output pins when using the XIN source
(1)
RMCK: 1/1, 1/2, and 1/4 of 12.288MHz or 24.576MHz
(2)
RBCK: 12.288MHz, 6.144MHz, and 3.072MHz
(3)
SBCK: 12.288MHz, 6.144MHz, and 3.072MHz
(4)
RLRCK: 192kHz, 96kHz, and 48kHz
(5)
SLRCK: 192kHz, 96kHz, and 48kHz
The polarity of RBCK, RLRCK, SBCK and SLRCK can be reversed with RBCKP, RLRCKP, SBCKP
and SLRCKP.
Clock switching is processed on the rising edge of the RLRCK output after the falling edge of micro-
controller interface CE.
PLL SOURCE
TMCK
SOURCE
XIN SOURCE
OUTPUT PIN NAME
512fs
256fs
256fs
12.288MHz
24.576MHz
512fs
256fs
256fs
12.288MHz
24.576MHz
256fs
128fs
128fs
6.144MHz
12.288MHz
RMCK
128fs
64fs
64fs
3.072MHz
6.144MHz
12.288MHz
64fs
6.144MHz
RBCK
3.072MHz
192kHz
fs
96kHz
RLRCK
48kHz
128fs
12.288MHz
64fs
6.144MHz
SBCK
32fs
3.072MHz
2fs
192kHz
fs
96kHz
SLRCK
fs/2
48kHz
Table 9 Output Clock Frequencies (Bold Items = Initial Settings)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com