Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFT Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8802SCFT
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFT Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8802SCFT Datasheet HTML 3Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 4Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 5Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 6Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 7Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 8Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 9Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 10Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
7
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
AVDD, DVDD
3.0
3.3
3.6
V
Input voltage range 1
VIN1
1
0
3.3
3.6
V
Input voltage range 2
VIN2
2
0
3.3
5.5
V
Operating temperature
Vopq
-30
-
70
oC
Notes:
1.
RX1, RBCK, RLRCK, XIN pins
TMCK/GPIO0, TBCK/GPIO1, TLRCK/GPIO2, TDATA/GPIO3, TXO/GPIOEN pins
2.
RX0, RX2, RX3, RX4, RX5/VI, RX6/UI pins
SDIN, DI, CE, CL, XMODE pins
ELECTRICAL CHARACTERISTICS
DC CHARACTERISTICS
Test Conditions
DC Characteristics at Ta = 25
oC, AVDD = DVDD = 3.3V, AGND = DGND = 0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input, High
VIH
1
0.7VDD
−
−
V
Input, Low
VIL
−
−
0.2VDD
V
Input, High
VIH
2
2.0
−
5.8
V
Input, Low
VIL
−0.3
−
0.8
V
Output, High
VOH
3
VDD
−0.8
−
−
V
Output, Low
VOL
−
−
0.4
V
Output, High
VOH
4
VDD
−0.8
−
−
V
Output, Low
VOL
−
−
0.4
V
Output, High
VOH
5
VDD
−0.8
−
−
V
Output, Low
VOL
−
−
0.4
V
Output, High
VOH
6
VDD
−0.8
−
−
V
Output, Low
VOL
−
−
0.4
V
Input amplitude
VPP
7
200
−
−
mV
Consumption current
VDD1
8
−
1.7
3.4
mA
Consumption current
VDD1
9
−
17
34
mA
Consumption current
VDD1
10
−
19
38
mA
Notes:
1.
CMOS levels: RX1, RBCK, RLRCK, XIN pins
2.
TTL levels: Pins other than those listed above
3.
IOH =
−12mA, IOL = 8mA: RMCK pin
4.
IOH =
−8mA, IOL = 8mA: XMCK, XOUT pins
5.
IOH =
−4mA, IOL = 4mA: RXOUT, RBCK, RLRCK, RDATA, SBCK pins
SLRCK, TMCK/GPIO0, TBCK/GPIO1, TLRCK/GPIO2 pins
TDATA/GPIO3, TXO/GPIOEN pins
6.
IOH =
−2mA, IOL = 2mA: Pins other than those listed above
7.
Before capacitance of RX1 input pin
8.
Demodulation function and oscillation amplifier stopped, modulation only, output sampling frequency = 96kHz
9.
XIN continuous 24.576MHz oscillation, demodulation only, input sampling frequency = 96kHz
10.
XIN continuous 24.576MHz oscillation, modulation, input/output sampling frequency = 96kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com