Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFT Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8802SCFT
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFT Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8802SCFT Datasheet HTML 18Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 19Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 20Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 21Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 22Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 23Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 24Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 25Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
22
BI-PHASE SIGNAL INPUT CIRCUITS (RX0, RX1, RX2)
If RX1, which has a built-in amplifier, is used as a coaxial input signal corruption may occur due to
the influence of the adjacent RX0 and RX2 input pins. RX0 and RX2 should be fixed to Low to
prevent them from influencing RX1.
The input signal to RX1 is temporarily open if RX1 is selected. The RX0 and RX2 potential must be
fixed due to coupling effects. In this case, 5 bi-phase signal input pins can be selected; RX1 and RX3
to RX 6.
If the input signal to RX1 is absolutely fixed to either High or Low then all 7 input pins can be used.
RX0
RX1
RX2
RX3
RX4
RX5
RX6
WM8802
Other inputs
0.1
µF
75Ω
Coaxial
Figure 10 Bi-Phase Signal Input Circuits – Coaxial Input Circuit
RX0
RX1
RX2
RX3
RX4
RX5
RX6
WM8802
Other inputs
100Ω
Optical
100Ω
100Ω
Figure 11 Bi-Phase Signal Input Circuits – Optical Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com