Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFT Datasheet(PDF) 58 Page - Wolfson Microelectronics plc

Part # WM8802SCFT
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFT Datasheet(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM8802SCFT Datasheet HTML 54Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 55Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 56Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 57Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 58Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 59Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 60Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 61Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 62Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
58
READ REGISTER 2 (GENERAL-PURPOSE I/O INPUT CONTENTS, FS
CALCULATION RESULT, FS COUNTER DATA)
READ REGISTER OUTPUT CONTENTS
REGISTER ADDRESS
DO7
DO6
DO5
DO4
DO3
DO2
DO1
DO0
CCB address: 0xEB
FSC3
FSC2
FSC1
FSC0
GPO3
GPO2
GPO1
GPO0
GPO0
Read data output contents during general-purpose I/O GPO0 input
setting
0: GPIO0 input = Low
1: GPIO0 input = High
GPO1
Read data output contents during general-purpose I/O GPIO1 input
setting
0: GPIO1 input = Low
1: GPIO1 input = High
GPO2
Read data output contents during general-purpose I/O GPIO2 input
setting
0: GPIO2 input = Low
1: GPIO2 input = High
GPO3
Read data output contents during general-purpose I/O GPIO3 input
setting
0: GPIO3 input = Low
1: GPIO3 input = High
FSC [3:0]
Input data fs calculation result
"xxxx": See code table.
FSC3
FSC2
FSC1
FSC0
TARGET FREQUENCY
CALCULATION RANGE (DESIGN
VALUE)
0
0
0
0
Out of range
−−−−
0
0
0
1
−
−
0
0
1
0
−
−
0
0
1
1
−
−
0
1
0
0
16kHz
15.4k to 16.6kHz
0
1
0
1
22.05kHz
21.2k to 22.9kHz
0
1
1
0
24kHz
23.1k to 24.9kHz
0
1
1
1
32kHz
30.8k to 33.3kHz
1
0
0
0
44.1kHz
42.4k to 45.8kHz
1
0
0
1
48kHz
46.2k to 49.9kHz
1
0
1
0
64kHz
615k to 66.7kHz
1
0
1
1
88.2kHz
85.4k to 91.7kHz
1
1
0
0
96kHz
93.1k to 100.7kHz
1
1
0
1
128kHz
122.9k to 1335kHz
1
1
1
0
176.4kHz
170.7k to 180.7kHz
1
1
1
1
192kHz
186.2k to 198.1kHz
Table 21 Input fs Calculation Result Code Table (Ta = 25°C, AVDD = DVDD = 3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com