Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88655AB Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88655AB
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655AB Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88655AB Datasheet HTML 9Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 10Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 11Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 12Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 13Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 14Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 15Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 16Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
ASIX ELECTRONICS CORPORATION
13
AX88655AB 5-Port 10/100/1000BASE-T Ethernet Switch
CONFIDENTIAL
4.0 Register Descriptions
Register Tables Summary:
Address
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default
00 H
RESERVED
RESERVED
0000 H
01 H
RESERVED
RESERVED
FFFF H
02 H
RESERVED + RxFlowCtrl[4:0]
RESERVED + TxFlowCtrl[4:0]
0000 H
03 H
RESERVED
RESERVED
00FF H
04 H
RESERVED
RESERVED
00FF H
05 H
RESERVED
0000 H
06 H
RESERVED
RESERVED
00FF H
07 H
RESERVED
RESERVED
1215 H
08 H
RESERVED
RESERVED
RESERVED
RESERVED
7777 H
09 H
RESERVED
RESERVED
RESERVED
RESERVED
7777 H
0A H
PortPair1[4:0]
PortPair0[4:0]
0000 H
0B H
PortPair3[4:0]
PortPair2[4:0]
0000 H
0C H LowQueueWeight[3:0] RESERVE
D
lw_LowQueueDiscardLimit [9:0]
1060 H
0D H HighQueueWeight[3:0] MaxStorm[1:0] lw_HighQueueDiscardLimit [9:0]
1060 H
0E H RES PTO RES MPS[1:0] SR
SP
NSB RES 51TE RES QoS[1:0] AE
HM DB
8880 H
0F H
RESERVED
MaxAge[8:0]
1865 H
10 H
Trunk47[2:0]
Trunk30[2:0]
RESERVED
00C0 H
11 H RES RES
RESERVED
LowQueueFlowCtrlMark[9:0]
0010 H
12 H
MaxJam[5:0]
HighQueueFlowCtrlMark[9:0]
2810 H
13 H
RESERVED
hw_LowQueueDiscardLimit[9:0]
0070 H
14 H RES
SmartFC
[1:0]
RES
RESERV
ED
hw_HighQueueDiscardLimit[9:0]
0070 H
15 H
Port-based VLAN Group #1
Port-based VLAN Group #0
0000 H
16 H
Port-based VLAN Group #3
Port-based VLAN Group #2
0000 H
17 H
RESERVED
Port-based VLAN Group #4
0000 H
18 H
RESERVED
RESERVED
0000 H
19 H
ResolutionIngress Port 1[7:0]
ResolutionIngress Port 0[7:0]
FFFF H
1A H
ResolutionIngress Port 3[7:0]
ResolutionIngress Port 2[7:0]
FFFF H
1B H
RESERVED
ResolutionIngress Port 4[7:0]
FFFF H
1C H
RESERVED
RESERVED
FFFF H
1D H iso rm MirrorPort[2:0] PortMirrorEn[
1:0]
IngressMode
ResolutionEngress Port 7[7:0]
00FF H
1E H
RESERVED + UpdateSaForSecurity[4:0]
RESERVED + OneSaSecurityMode[4:0]
0000 H
1F H
GCLK125MHz_Dly1ns_n[7:0]
TargetPort[2:0]
JumboLeng13_10[3:0] JumboEnable
0000 H
Note:
1. The word “Reserved” = “Res.” on the above table.
2. Care must be taken that the “Reserved” registers should keep the default value always. Change of any reserved value
may be resulting in unpredictable conditions.
3. The registers can be accessed by internal MPU only. The MPU will read in configuration table, located on EEPROM
at somewhere address, and programs the above registers when every time power on or after system reset.
4. Basically, the registers can be accessed with the same data format as station management (similar to MDC and
MDIO) via ADC and ADIO pins.
]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com