Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88655AB Datasheet(PDF) 9 Page - ASIX Electronics Corporation

Part # AX88655AB
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655AB Datasheet(HTML) 9 Page - ASIX Electronics Corporation

Back Button AX88655AB Datasheet HTML 5Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 6Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 7Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 8Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 9Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 10Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 11Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 12Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 13Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
ASIX ELECTRONICS CORPORATION
9
AX88655AB 5-Port 10/100/1000BASE-T Ethernet Switch
CONFIDENTIAL
TXD4[7:0]
O
C6, B6, A6,
C7, B7, A7,
B8, A8
Transmit Data: Please references section 2.1.1.
TX_CLK4
I/PD
B1
MII Transmit Clock Input: Please references section 2.1.1.
COL4
I/PD
C1
Collision Detect: Please references section 2.1.1.
CRS4
I/PD
C2
Carrier Sense: Please references section 2.1.1.
RX_DV4
I
B2
Receive Data Valid: Please references section 2.1.1.
RX_CLK4
I
A1
Receive Clock Input: Please references section 2.1.1.
RXD4[7:0]
I/PD
A2, B3, A3,
C4, B4, A4,
D5, C5
Receive Data: Please references section 2.1.1.
2.2 Miscellaneous
Signal Name
I/O
Pin No.
Description
NC
L1, L2, L3,
M2, M3, M4,
N1, N2, N3,
P1, P2, P3,
R1,R2, R3,
R4 ,T3, T4, F4,
F3, G2, E1,
H3,G3, C3,
G1,Y9,V8,
W8, Y8,
V7, W7, Y7,
V6, W6,
Y6,U11,V12,U
12,W11,V11,
Y11, U10, V10
W10, Y10
U9, V9,
W9,Y15,U14,
V14, W14,
Y14, V13,
W13,Y13,
W12,
Y12,W18,Y19,
W19,V17,Y18,
W17, Y17,
U16, V16,
W16, Y16,
V15,
W15,T20,U17,
U18, U19,
U20, V18,
V19, V20,
W20,
Y20,P17,N20,
N19,P19,P18,
P20, R17, R18,
R19, R20, T17,
T18, T19
NC
E_8051_EN
I
D4
Pull low, using external 8051, NC or Pull hi, using internal 8051
USE_83M
I
D3
System clock enable,0:use SYSCLK, 1:90M generate by PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com