Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88655AB Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX88655AB
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655AB Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX88655AB Datasheet HTML 18Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 19Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 20Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 21Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 22Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 23Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 24Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 25Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
ASIX ELECTRONICS CORPORATION
22
AX88655AB 5-Port 10/100/1000BASE-T Ethernet Switch
CONFIDENTIAL
5.4 AC specifications
5.4.1 LCLK
LCLK/X25M_I
Tr
Tf
Tlow
CLK25M_O
Tod
Symbol
Description
Min
Typ.
Max
Units
Tcyc
CYCLE TIME
20
ns
Thigh
CLK HIGH TIME
8
10
12
ns
Tlow
CLK LOW TIME
8
10
12
ns
Tr/Tf
CLK SLEW RATE
1
-
4
ns
Tod
LCLK TO BMCLK OUT DELAY
2
ns
5.4.2 Reset Timing
REF_CLK
/RST
Symbol
Description
Min
Typ.
Max
Units
Trst
Reset pulse width
10
-
-
REF_Clk
Tcyc
Thigh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com