Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88655AB Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88655AB
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655AB Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88655AB Datasheet HTML 1Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 2Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 3Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 4Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 5Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 6Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 7Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 8Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ASIX ELECTRONICS CORPORATION
First Released Date: 11/07/2002
4F, NO.8, Hsin Ann Rd., Science-based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-563-9799
http://www.asix.com.tw
AX88655 AB
5-Port 10/100/1000BASE-T Ethernet Switch
5-Port Gigabit Ethernet Switch with Embedded Memory
Document No.: AX88655AB / V0.8 / June 11, 2003
Features
•
5-port Gigabit Ethernet switch integrating MACs,
packet buffer memory and switching engine with
RGMII/GMII/MII interface
•
RGMII support REV 1.3 with 3.3V IO
•
Full Duplex 1000 Mbit/s.
•
Full and Half Duplex 10/100 Mbit/s
•
Supports auto-sensing or manual selection for
speed and duplex capability with an embedded
MPU
•
Store-and-forward operation support
•
Performs full wire-speed switching with Head of
Line (HOL) blocking prevention
•
Supports up to 8 Port-based VLAN Groups
•
Supports broadcast storm filtering
.
•
Quality-of-Service provisioning on 802.1P tag and
port-pairs with two priority queues
•
By-port Egress/Ingress bandwidth (rate) control
•
Embedded 128K Byte SRAM for packet buffer
•
Supports packet length up to 1522 bytes
•
Supports 9K/12K byte JUBMO packet
•
Integrated two-way Address-Lookup engine and
table for 4K MAC addresses
•
Programmable aging mechanism for the two-way
4K MAC addresses table
•
Two hashing schemes: direct and XOR mode.
•
Support ingress port security mode, incoming
packets with unknown source MAC address could
be dropped
•
Egress/Ingress Port Mirroring for Sniffer function
.
•
Flow control
- Full-duplex IEEE 802.3x flow control
- Half-duplex back pressure flow control
- Optional smart flow control for mix-speed
connection
•
Supports port-based trunking for high-bandwidth
links
•
Provides 5 GPIO ports
•
Provides EEPROM interface for auto-configuration
•
System clock input is one 25MHz Crystal and one
125MHz from PHY GCLK output
•
1.8 and 3.3V operations
•
3.3 I/Os and packaged in 272-pin BGA
Product Description
The AX88655AB is an 5-port 10/100/1000 Mbps Ethernet switch with, GMII/RGMII or MII Interface. The switch
controller provides network system manufacturers the ideal platform for building smart and cost-effective backbone
switches for small to medium sized businesses.
The AX88655AB 5-port 10/100/100 BASE-T single chip switch controllers combine the benefits of network
simplicity, flexibility and high integration. Its highly integrated feature set enables network system manufacturers to
build smart switches for the fast-growing small to medium business market segment.
Benefits of AX88655AB Switches are below.
Simplicity
Provides a smart, simple and low maintenance plug-and-play network interconnect system for small to
medium size businesses
Flexibility
Highly scalable configuration allows system manufacturers to enable or disable a range of features to best
meet their target price point.
Integration
Highly integrated design drives down overall switch manufacturing costs.
Target Applications
5-port Gigabit Layer 2 Switches for workgroup
High-port count Layer 2 switches with trunking
High performance solution of Ethernet backbone


Similar Part No. - AX88655AB

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88655P ASIX-AX88655P Datasheet
844Kb / 40P
5-Port 10/100/1000BASE-T Ethernet Switch
More results

Similar Description - AX88655AB

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88655P ASIX-AX88655P Datasheet
844Kb / 40P
5-Port 10/100/1000BASE-T Ethernet Switch
logo
Broadcom Corporation.
BCM5488 BOARDCOM-BCM5488 Datasheet
146Kb / 1P
OCTAL-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
logo
ASIX Electronics Corpor...
AX88658AB ASIX-AX88658AB Datasheet
328Kb / 36P
8-Port 10/100/1000BASE-T Ethernet Switch
logo
Broadcom Corporation.
BCM5482SA2IFBG BOARDCOM-BCM5482SA2IFBG Datasheet
143Kb / 2P
DUAL-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
BCM5482SA1KFBG BOARDCOM-BCM5482SA1KFBG Datasheet
193Kb / 2P
DUAL-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
BCM5466RA0KFBG BOARDCOM-BCM5466RA0KFBG Datasheet
204Kb / 2P
QUAD-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
BCM5482A1KFBG BOARDCOM-BCM5482A1KFBG Datasheet
193Kb / 2P
DUAL-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
logo
Axiomtek Co., Ltd.
EX16900 AXIOMTEK-EX16900 Datasheet
405Kb / 3P
Unmanaged 5/8-port 10/100/1000BASE Ethernet Switch
EX32900 AXIOMTEK-EX32900 Datasheet
416Kb / 3P
Industrial Unmanaged 5/8-port 10/100/1000BASE Gigabit Ethernet Switch
logo
Broadcom Corporation.
BCM5482A2KFBG BOARDCOM-BCM5482A2KFBG Datasheet
181Kb / 2P
DUAL-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com