Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88655AB Datasheet(PDF) 7 Page - ASIX Electronics Corporation

Part # AX88655AB
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655AB Datasheet(HTML) 7 Page - ASIX Electronics Corporation

Back Button AX88655AB Datasheet HTML 3Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 4Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 5Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 6Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 7Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 8Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 9Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 10Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 11Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
ASIX ELECTRONICS CORPORATION
7
AX88655AB 5-Port 10/100/1000BASE-T Ethernet Switch
CONFIDENTIAL
2.0 I/O Definition
The following terms describe the AX88655AB pin-out:
All pin names with the “/” suffix are asserted low.
The following abbreviations are used in following Tables.
I
Input
PU
Pull Up
O
Output
PD
Pull Down
I/O
Input/Output
P
Power Pin
OD
Open Drain
2.1 RGMII/GMII/MII Interface
2.1.1 RGMII/GMII/MII Interface Port 0
Signal Name
I/O
Pin No.
Description
GTX_CLK0
O
Y2
125MHz Clock Output: it is a continuous 125 MHz clock output to
giga-PHY operating at 1000BASE-T. That is, it is a timing reference for
TX_EN0 and TXD0[7:0]
TX_EN0
O
Y1
Transmit Enable: When TX_EN0 is asserted, data on TXD0[7:0] are
transmitted onto PHY. TX_EN0 is synchronous to GTX_CLK0 in
1000BASE-T mode and synchronous to TX_CLK0 in 10/100BASE-T
mode.
TXD0[7:0]
O
W1, V2, V1,
U3, U2,U1 ,
T2, T1
Transmit Data: Synchronous to the rising of GTX_CLK0 in
1000BASE-T mode. And synchronous to rising edge of TX_CLK0 in
10/100BASE-T mode., For RGMII, only TXD0[3:0]
TX_CLK0
I/PD
W5
MII
Transmit
Clock
Input:
TX_EN0
and
TXD0[3:0]
are
synchronous to the rising edge of this clock in 10/100BASE-T mode.
COL0
I/PD
Y5
Collision Detect: Active high to indicate that there is collision occurred
in half duplex mode. In full duplex mode COL0 is always low.
CRS0
I/PD
U6
Carrier Sense: Active high if there is carrier on medium. In half duplex
mode CRS0 is also asserted during transmission and asynchronous to
any clock.
RX_DV0
I
U5
Receive Data Valid: Active high to indicate that data presented on
RXD0[7:0] is valid and synchronous to RX_CLK0.
RX_CLK0
I
V5
Receive Clock Input: 125, 25 and 2.5 MHz is running at 1000/100/10
BASE-T
mode
respectively.
RX_DV0
and
RXD0[7:0]
are
synchronous to rising edge of this clock.
RXD0[7:0]
I/PD
U4, V4, W4,
Y4, V3, W3,
Y3, W2
Receive Data: Data received by the PHY are presented on RXD0 and
synchronous
to
RX_CLK0.
RXD0[3:0]
is
valid
in
10/100/1000BASE-T and RXD[7:4] is valid only in 1000BASE-T
modes. For RGMII, only RXD0[3:0]
2.1.5 RGMII/GMII/MII Interface Port 1
Signal Name
I/O
Pin No.
Description
GTX_CLK1
O
G20
125MHz Clock Output: Please references section 2.1.1.
TX_EN1
O
H17
Transmit Enable: Please references section 2.1.1.
TXD1[7:0]
O
H18, H19,
H20, J18, J19,
J20, K19, K20
Transmit Data: Please references section 2.1.1.
TX_CLK1
I/PD
E17
MII Transmit Clock Input: Please references section 2.1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com