Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM3.PM Datasheet(PDF) 9 Page - OSRAM GmbH

Part # GWCSSRM3.PM
Description  Highbay Industrial
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWCSSRM3.PM Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button GWCSSRM3.PM Datasheet HTML 5Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 6Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 7Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 8Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 9Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 10Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 11Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 12Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
GW CSSRM3.PM
9 Version 1.3 | 2019-04-22
3500 K
A
0.4131 0.4093 0.4003 0.4034 0.3949 0.3871 0.3977 0.3883 0.4118 0.4054
B
0.4131 0.4093 0.4302 0.4171 0.4227 0.3997 0.4177 0.3975 0.4118 0.4054
C
0.4227 0.3997 0.4149 0.3819 0.4022 0.3763 0.4036 0.3804 0.4177 0.3975
D
0.4036 0.3804 0.3977 0.3883 0.3949 0.3871 0.3895 0.3707 0.4022 0.3763
E
0.4118 0.4054 0.3977 0.3883 0.4017 0.3902 0.4102 0.4004
F
0.4118 0.4054 0.4177 0.3975 0.4137 0.3957 0.4102 0.4004
G 0.4177 0.3975 0.4036 0.3804 0.4052 0.3854 0.4137 0.3957
H
0.4052 0.3854 0.4017 0.3902 0.3977 0.3883 0.4036 0.3804
4000 K
A
0.3853 0.3947 0.3737 0.3879 0.3704 0.3731 0.3714 0.3737 0.3845 0.3913
B
0.3853 0.3947 0.4003 0.4034 0.3949 0.3871 0.3922 0.3855 0.3845 0.3913
C
0.3949 0.3871 0.3895 0.3707 0.3783 0.3645 0.3791 0.3679 0.3922 0.3855
D
0.3791 0.3679 0.3714 0.3737 0.3704 0.3731 0.3671 0.3583 0.3783 0.3645
E
0.3845 0.3913 0.3714 0.3737 0.3756 0.3760 0.3834 0.3866
F
0.3845 0.3913 0.3922 0.3855 0.3880 0.3832 0.3834 0.3866
G 0.3922 0.3855 0.3791 0.3679 0.3802 0.3726 0.3880 0.3832
H
0.3802 0.3726 0.3756 0.3760 0.3714 0.3737 0.3791 0.3679
4500 K
A
0.3634 0.3809 0.3550 0.3752 0.3538 0.3664 0.3629 0.3779
B
0.3634 0.3809 0.3737 0.3879 0.3709 0.3753 0.3629 0.3779
C
0.3695 0.3690 0.3671 0.3583 0.3593 0.3532 0.3597 0.3559
D
0.3597 0.3559 0.3524 0.3555 0.3514 0.3480 0.3593 0.3532
E
0.3629 0.3779 0.3538 0.3664 0.3532 0.3616 0.3557 0.3632 0.3623 0.3735
F
0.3629 0.3779 0.3709 0.3753 0.3703 0.3728 0.3669 0.3706 0.3623 0.3735
G 0.3703 0.3728 0.3695 0.3690 0.3597 0.3559 0.3603 0.3603 0.3669 0.3706
H
0.3603 0.3603 0.3557 0.3632 0.3532 0.3616 0.3524 0.3555 0.3597 0.3559
5000 K
A
0.3452 0.3678 0.3375 0.3619 0.3372 0.3528 0.3451 0.3648
B
0.3452 0.3678 0.3550 0.3752 0.3532 0.3614 0.3530 0.3612 0.3451 0.3648
C
0.3532 0.3614 0.3514 0.3480 0.3440 0.3426 0.3441 0.3454 0.3530 0.3612
D
0.3441 0.3454 0.3369 0.3445 0.3366 0.3372 0.3440 0.3426
E
0.3451 0.3648 0.3372 0.3528 0.3371 0.3496 0.3396 0.3514 0.3449 0.3609
F
0.3451 0.3648 0.3530 0.3612 0.3496 0.3588 0.3449 0.3609
G 0.3530 0.3612 0.3441 0.3454 0.3443 0.3493 0.3496 0.3588
H
0.3443 0.3493 0.3396 0.3514 0.3371 0.3496 0.3369 0.3445 0.3441 0.3454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com