Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM3.PM Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GWCSSRM3.PM
Description  Highbay Industrial
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWCSSRM3.PM Datasheet(HTML) 4 Page - OSRAM GmbH

  GWCSSRM3.PM Datasheet HTML 1Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 2Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 3Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 4Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 5Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 6Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 7Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 8Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
GW CSSRM3.PM
4 Version 1.3 | 2019-04-22
Characteristics
I
F = 700 mA; TJ = 85 °C
Parameter
Symbol
Values
Viewing angle at 50% I
V
2φ
typ.
120 °
Forward Voltage 3)
V
F
min.
typ.
max.
2.70 V
2.80 V
3.20 V
Reverse voltage 2)
I
R = 20 mA
V
R
max.
1.2 V
Color Rendering Index 4)
(2200K - 6500K)
CRI
min.
typ.
70
72
Electrical thermal resistance junction/solderpoint
with efficiency η
e = 41 %
R
thJS elec.
typ.
1.8 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com