Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM3.PM Datasheet(PDF) 13 Page - OSRAM GmbH

Part # GWCSSRM3.PM
Description  Highbay Industrial
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWCSSRM3.PM Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button GWCSSRM3.PM Datasheet HTML 9Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 10Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 11Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 12Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 13Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 14Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 15Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 16Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
GW CSSRM3.PM
13 Version 1.3 | 2019-04-22
Forward current 6), 7)
I
F = f(VF); TJ = 85 °C
GW CSSRM3.PM
2,62
3,01
2,70
2,80
2,90
VF /V
100
200
400
600
800
1000
1200
1400
1600
1800
IF /mA
Relative Luminous Flux 6), 7)
Φ
v/Φv(700 mA) = f(IF); TJ = 85 °C
GW CSSRM3.PM
IF /mA
-2
-1
0
1
2
3
ΦV
ΦV(700mA)
Chromaticity Coordinate Shift 6)
ΔCx, ΔCy = f(I
F); TJ = 85 °C
GW CSSRM3.PM
IF /mA
-0,008
-0,006
-0,004
-0,002
0,000
0,002
0,004
0,006
0,008
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com