Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM3.PM Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GWCSSRM3.PM
Description  Highbay Industrial
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWCSSRM3.PM Datasheet(HTML) 5 Page - OSRAM GmbH

  GWCSSRM3.PM Datasheet HTML 1Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 2Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 3Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 4Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 5Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 6Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 7Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 8Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
GW CSSRM3.PM
5 Version 1.3 | 2019-04-22
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 700 mA
I
F = 700 mA
min.
max.
Φ
V
Φ
V
M8
250 lm
260 lm
M9
260 lm
270 lm
MF
270 lm
280 lm
N1
280 lm
290 lm
N2
290 lm
300 lm
N3
300 lm
310 lm
N4
310 lm
320 lm
N5
320 lm
330 lm
N6
330 lm
340 lm
N7
340 lm
350 lm
N8
350 lm
360 lm
Forward Voltage Groups
Group
Forward Voltage 3)
Forward Voltage 3)
min.
max.
V
F
V
F
K2
2.70 V
2.80 V
L1
2.80 V
2.90 V
L2
2.90 V
3.00 V
M1
3.00 V
3.10 V
M2
3.10 V
3.20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com