Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM3.PM Datasheet(PDF) 12 Page - OSRAM GmbH

Part # GWCSSRM3.PM
Description  Highbay Industrial
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWCSSRM3.PM Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button GWCSSRM3.PM Datasheet HTML 8Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 9Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 10Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 11Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 12Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 13Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 14Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 15Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
GW CSSRM3.PM
12 Version 1.3 | 2019-04-22
Relative Spectral Emission 6)
Φ
rel = f (λ); IF = 700 mA; TJ = 85 °C
GW CSSRM3.PM
350
400
450
500
550
600
650700
750800
λ /nm
0,0
0,2
0,4
0,6
0,8
1,0
Φrel
:Vλ
:white
Radiation Characteristics 6)
I
rel = f (ϕ); TJ = 85 °C
GW CSSRM3.PM
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10°20° 30° 40° 50°60° 70°80° 90°
ϕ /°
0,0
0,2
0,4
0,6
0,8
1,0
Irel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com