Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM3.PM Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GWCSSRM3.PM
Description  Highbay Industrial
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWCSSRM3.PM Datasheet(HTML) 2 Page - OSRAM GmbH

  GWCSSRM3.PM Datasheet HTML 1Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 2Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 3Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 4Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 5Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 6Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 7Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 8Page - OSRAM GmbH GWCSSRM3.PM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
GW CSSRM3.PM
2 Version 1.3 | 2019-04-22
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 700 mA
Φ
V
GW CSSRM3.PM-M8MF-A10310-1
2200 K
250 ... 280 lm
Q65112A7537
GW CSSRM3.PM-M8MF-XX510-1
2200 K
250 ... 280 lm
Q65112A7538
GW CSSRM3.PM-M9N1-A939-1
2500 K
260 ... 290 lm
Q65112A7539
GW CSSRM3.PM-M9N1-XX59-1
2500 K
260 ... 290 lm
Q65112A7540
GW CSSRM3.PM-MFN2-A838-1
2700 K
270 ... 300 lm
Q65112A7541
GW CSSRM3.PM-MFN2-XX58-1
2700 K
270 ... 300 lm
Q65112A7542
GW CSSRM3.PM-N3N5-A737-1
3000 K
300 ... 330 lm
Q65112A6138
GW CSSRM3.PM-N3N5-XX57-1
3000 K
300 ... 330 lm
Q65112A6250
GW CSSRM3.PM-N5N7-A636-1
3500 K
320 ... 350 lm
Q65112A6139
GW CSSRM3.PM-N5N7-XX56-1
3500 K
320 ... 350 lm
Q65112A6249
GW CSSRM3.PM-N6N8-A535-1
4000 K
330 ... 360 lm
Q65112A6140
GW CSSRM3.PM-N6N8-XX55-1
4000 K
330 ... 360 lm
Q65112A6248
GW CSSRM3.PM-N6N8-A434-1
4500 K
330 ... 360 lm
Q65112A6141
GW CSSRM3.PM-N6N8-XX54-1
4500 K
330 ... 360 lm
Q65112A6251
GW CSSRM3.PM-N6N8-A333-1
5000 K
330 ... 360 lm
Q65112A6142
GW CSSRM3.PM-N6N8-XX53-1
5000 K
330 ... 360 lm
Q65112A6254
GW CSSRM3.PM-N6N8-A232-1
5700 K
330 ... 360 lm
Q65112A6143
GW CSSRM3.PM-N6N8-XX52-1
5700 K
330 ... 360 lm
Q65112A6253
GW CSSRM3.PM-N5N7-A131-1
6500 K
320 ... 350 lm
Q65112A6144
GW CSSRM3.PM-N5N7-XX51-1
6500 K
320 ... 350 lm
Q65112A6252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com