Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318-IL Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS61318-IL
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318-IL Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS61318-IL Datasheet HTML 8Page - Cirrus Logic CS61318-IL Datasheet HTML 9Page - Cirrus Logic CS61318-IL Datasheet HTML 10Page - Cirrus Logic CS61318-IL Datasheet HTML 11Page - Cirrus Logic CS61318-IL Datasheet HTML 12Page - Cirrus Logic CS61318-IL Datasheet HTML 13Page - Cirrus Logic CS61318-IL Datasheet HTML 14Page - Cirrus Logic CS61318-IL Datasheet HTML 15Page - Cirrus Logic CS61318-IL Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
CS61318
12
DS441PP2
An address/command byte, shown in Figure 9,
points to addresses 0x10 through 0x14 (address
0x10 shown), and precedes a data byte. The first bit
of the address/command byte determines whether a
read or a write is requested. The next six bits con-
tain the address. The last bit is ignored. Data to the
internal registers is input on the eight clock cycles
immediately following the address/command byte.
CS
SCLK
SDO
CLKE = 0
SDI
D6
D5
D4
D3
D2
D1
D0
D7
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Address/Command Byte
Data Input/Output
0
0
0
1
0
R/W
Figure 9. Input/Output Timing (showing address 0x10)
Note: All Control Registers initialize to 0x00.
7
6
5
432
1
0
ADDR
Control Register 1
TAOS
LLOOP
RLOOP
Reserved
Set to “0”
Reserved
Set to “0”
HDB3
NLOOP
LOS
0x10 R/W
Control Register 2
AIS
RAMPLSE
Reserved
set to ‘0”
LOOPDN
LOOPUP
RPWDN
TxHIZ
Reserved
set to ‘0”
0x11 R/W
Equalizer Gain
(EQGAIN)
X
X
X
EQ4
EQ3
EQ2
EQ1
EQ0
0x12 R
Arbitrary Waveform RAM
Address
MSB
-
-
-
-
-
-
LSB
0x13 R/W
Reserved
Set to “0”
0
0
0
0
0
0
0
0
0x14
Table 2. Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com