Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318-IL Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS61318-IL
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318-IL Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS61318-IL Datasheet HTML 11Page - Cirrus Logic CS61318-IL Datasheet HTML 12Page - Cirrus Logic CS61318-IL Datasheet HTML 13Page - Cirrus Logic CS61318-IL Datasheet HTML 14Page - Cirrus Logic CS61318-IL Datasheet HTML 15Page - Cirrus Logic CS61318-IL Datasheet HTML 16Page - Cirrus Logic CS61318-IL Datasheet HTML 17Page - Cirrus Logic CS61318-IL Datasheet HTML 18Page - Cirrus Logic CS61318-IL Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
CS61318
DS441PP2
15
Reading the control/status registers returns their
current status or setting. Control Register 1 (0x10))
outputs the status of NLOOP and LOS. Additional-
ly, 5, 6, and 7 encoded as shown in Tables 3.
2.12
Interrupts
An interrupt will occur (INT pulls low) in response
to a change in the LOS, AIS or NLOOP bits. The
interrupt is cleared when the host processor writes
a “1” to the respective bit in the control register.
Writing a “1” to LOS or NLOOP over the serial in-
terface has three effects:
1)
The current interrupt on the serial interface
will be cleared. (Note that simply reading the
register bits will not clear the interrupt).
2)
Output data bits 5, 6 and 7 will be reset as ap-
propriate.
3)
Interrupts for the corresponding LOS and
NLOOP will be prevented from occurring.
Writing a “0” to either LOS or NLOOP enables the
corresponding interrupt for LOS and NLOOP.
2.13
Power On Reset / Reset
Upon power-up, the IC is held in a static state until
the supply crosses a threshold of approximately
3 Volts. When this threshold is crossed, the device
will delay for about 10 ms to allow the power sup-
ply to reach operating voltage. After this delay, cal-
ibration of the transmit and receive sections
commences. Because power up conditions can vary
considerably, it is recommended that the device be
reset after the power supply has stabilized to ensure
a known initial operational condition.
The internal frequency generators can be calibrated
only if a reference clock is present. The reference
clock for the transmitter is provided by TCLK. The
reference for the receiver is either the crystal oscil-
lator or MCLK. If both the oscillator and MCLK
are active, MCLK will be used as the reference
source. The initial calibration should take less than
20 ms after pulses are input to the receiver.
In operation, the device is continuously calibrated,
making the performance of the device independent
of power supply or temperature variations. The
continuous calibration function forgoes any re-
quirement to reset the line interface when in opera-
tion. However, a reset function is available which
will reinitiate calibration and clear all registers and
clear the Network Loopback function.
In Host Mode, a reset is initiated by simultaneously
writing RLOOP and LLOOP to the register. The re-
set will set all registers to “0” and initiate a calibra-
tion. A reset will also set LOS high in the Short
Haul configuration.
In Hardware Mode, the CS61318 is reset by simul-
taneously setting RLOOP and LLOOP high for at
least 200 ns. Hardware reset will clear Network
Loopback functionality
2.14
Power Supply
The device operates from a single +5 Volt supply.
Separate pins for transmit and receive supplies pro-
vide internal isolation. These pins should be decou-
Table 3. Control Register 1 (0x10) Decoding
Bits
Status Mode
765
0
0
0 Reset has occurred, or no program input
001 RLOOP active
0
1
0 LLOOP active
0
1
1 LOS has changed state since last Clear
LOS occurred
100 TAOS active
1
0
1 NLOOP has changed state since last
Clear NLOOP occurred
1
1
0 TAOS and LLOOP active
1
1
1 LOS and NLOOP have both changed
state since last Clear NLOOP and Clear
LOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com