Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318-IL Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS61318-IL
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318-IL Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS61318-IL Datasheet HTML 10Page - Cirrus Logic CS61318-IL Datasheet HTML 11Page - Cirrus Logic CS61318-IL Datasheet HTML 12Page - Cirrus Logic CS61318-IL Datasheet HTML 13Page - Cirrus Logic CS61318-IL Datasheet HTML 14Page - Cirrus Logic CS61318-IL Datasheet HTML 15Page - Cirrus Logic CS61318-IL Datasheet HTML 16Page - Cirrus Logic CS61318-IL Datasheet HTML 17Page - Cirrus Logic CS61318-IL Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
CS61318
14
DS441PP2
2.11.2 Control Register 2: Address 0x11
AIS
Alarm Indication Signal.
AIS = 1 when an all ones pattern is present at the receiver. This bit is reset to “0” by the first
read occurring after the AIS condition has cleared.
An interrupt will occur when AIS is present unless a “1” is written to AIS disabling the interrupt.
RAMPLSE
When RAMPLSE = 1, output pulse shapes are determined by the codes in the internal, pro-
grammable, transmit RAM.
RSVD
Reserved
Set to “0” for proper operation.
LOOPDN
Loop Down
In Long Haul mode, setting LOOPDN to “1” causes the data pattern 001... to be repetitively
transmitted.
LOOPUP
Loop Up
In Long Haul mode, setting LOOPUP to “1” causes the data pattern 00001... to be repetitively
transmitted.
RPWDN
Receiver Power Down
When RPWDN = 1, the receiver circuitry is powered down, but the transmitter is still active.
TxHIZ
Transmitter High Impedance
When TxHIZ = 1 the transmitter goes to a low-power, high-impedance state
2.11.3 Equalizer Gain (EQGAIN): Address 0x12
EQ[4:0]
The receive equalizer gain settings are broken down into 20 segments and provided at the five
LSBs of this register, EQ4 - EQ0. 00001 corresponds to -2 dB, 10100 corresponds to -40 dB.
The three MSBs are don’t cares.
2.11.4 Arbitrary Waveform RAM Address (RAM): Address 0x13
RAM[7:0]
Arbitrary Waveform RAM;
Onboard RAM is provided so that custom pulse shapes may be downloaded (see Arbitrary
Waveform Generation section). Writing the waveform RAM requires first writing the Ad-
dress/Command Byte with the write bit set (see Figure 10) followed by a data byte which spec-
ifies the RAM address to be written. Following these two bytes is a third byte that represents
the waveform coefficient to be stored in the target address. There are 42 RAM byte locations
(numbered h00 to h29).
7 (MSB)
6
5
4
3
2
1
0 (LSB)
AIS
RAMPLSE
RSVD
LOOPDN
LOOPUP
RPWDN
TxHIZ
RSVD
7 (MSB)
6
5
4321
0 (LSB)
X
X
X
EQ4
EQ3
EQ2
EQ1
EQ0
7 (MSB)
6
5
4321
0 (LSB)
RAM.7
RAM.6
RAM.5
RAM.4
RAM.3
RAM.2
RAM.1
RAM.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com