Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318-IL Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS61318-IL
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318-IL Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS61318-IL Datasheet HTML 16Page - Cirrus Logic CS61318-IL Datasheet HTML 17Page - Cirrus Logic CS61318-IL Datasheet HTML 18Page - Cirrus Logic CS61318-IL Datasheet HTML 19Page - Cirrus Logic CS61318-IL Datasheet HTML 20Page - Cirrus Logic CS61318-IL Datasheet HTML 21Page - Cirrus Logic CS61318-IL Datasheet HTML 22Page - Cirrus Logic CS61318-IL Datasheet HTML 23Page - Cirrus Logic CS61318-IL Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
CS61318
20
DS441PP2
4.1
Power Supplies
TV+ - Power Supply, Transmit Driver, Pin 15.
Power supply for the transmit driver; typically +5 Volts.
TGND - Ground Transmit Driver, Pin 14.
Power supply ground for the transmit driver; typically 0 Volts.
RV+ - Power Supply, Pin 21.
Power supply for all subcircuits except the transmit driver; typically +5 Volts.
RGND - Ground, Pin 22.
Power supply ground for all subcircuits except the transmit driver; typically 0 Volts.
4.2
Oscillator
XTALIN, XTALOUT - Crystal Connections, Pins 9 and 10.
A 8.192 MHz crystal can be connected across these pins. This oscillator provides the reference
frequency for the LIU if MCLK is not provided. The load capacitance presented to the crystal by these
pins should be approximately 19pF (IC and package, when soldered into a circuit board). The jitter
attenuator may be disabled by tying pin 9 to RV+ through a 1k
Ω resistor, and floating XTALOUT. When
pin 9 has no clock input, a clock must be supplied to the MCLK pin. Alternatively an external 8.192 MHz
clock can be driven into pin 9, and the jitter attenuator circuit will operate.
If MCLK is provided, and XTALIN is tied low or floated, the jitter attenuator will be enabled.
4.3
Control
MCLK - Master Clock Input, Pin 1.
Either MCLK or the crystal oscillator provide the master frequency reference for the CS61318. If both
MCLK and the crystal oscillator are present, the oscillator is ignored. MCLK should be 2.048 MHz for E1
operation. In a Loss of Signal state, RCLK will be derived from MCLK, through the jitter attenuator, if
active. If MCLK is not provided, the jitter attenuator will hold the RCLK frequency in a Loss of Signal
state. MCLK should be grounded if it is not used.
MODE - Mode Select Input, Pin 5.
Setting the MODE pin high puts the CS61318 into Host Mode where the device is controlled by a
microprocessor, via a serial port. Setting the MODE pin low, configures the part for hardware mode
control where control and status are provided through dedicated pins. The MODE pin is internally pulled
down placing the part in Hardware Mode when this pin is left floating. Tying the MODE pin to RCLK
places the chip in Hardware Mode and enables the HDB3 encoder/decoder (provided that coder mode
has been enabled; see the description for TNEG/UBS pin).
TAOS - Transmit All Ones Select Input, Pin 28 (Hardware Mode).
Setting TAOS to logic 1 causes continuous ones to be transmitted at the TCLK frequency. When TAOS
is high, TPOS and TNEG (TDATA) are not output at the TTIP/TRING pins. TAOS is overridden by
Remote Loopback. Setting TAOS, LLOOP, and RLOOP high simultaneously enables Network Loopback
detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com