Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318-IL Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS61318-IL
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318-IL Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS61318-IL Datasheet HTML 13Page - Cirrus Logic CS61318-IL Datasheet HTML 14Page - Cirrus Logic CS61318-IL Datasheet HTML 15Page - Cirrus Logic CS61318-IL Datasheet HTML 16Page - Cirrus Logic CS61318-IL Datasheet HTML 17Page - Cirrus Logic CS61318-IL Datasheet HTML 18Page - Cirrus Logic CS61318-IL Datasheet HTML 19Page - Cirrus Logic CS61318-IL Datasheet HTML 20Page - Cirrus Logic CS61318-IL Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
CS61318
DS441PP2
17
The amplitude of each phase is described by a 7-bit,
2’s compliment number, where a positive value de-
scribes pulse amplitude, and a negative value de-
scribes pulse undershoot. The positive full value is
hex 3F. The negative full value is hex 40. For E1
shielded twisted pair, the typical output voltage is
27 mV/LSB. All voltages are peak voltages across
the TTIP and TRING outputs.
Using the circuits given in the Applications section
of the data sheet, the output impedance of the de-
vice will be approximately equal to the impedance
of the line. This means that the voltage on the trans-
former secondary will be twice the values stated
above. Note that although the full scale digital in-
put is 3F, it is recommended that full scale output
voltage on the transformer primary be limited to
2.4 Vpk. At higher output voltages, the driver may
not drive the requested output voltage.
The amplitude information for all phases is written
via the serial-port to Arbitrary Waveform RAM
registers (see Arbitrary Waveform RAM register
for description). Each phase amplitude is written as
an eight-bit byte, where the first phase of the sym-
bol is written first.
The contents of the Arbitrary Waveform RAM can
be verified by performing a read operation. Read-
ing the waveform RAM requires first writing the
Address/Command Byte with the R/W bit set to
“1” (see Figure 10) followed by a data byte which
specifies the RAM address to be read. On subse-
quent SCLK’s the contents of the specified RAM
location will be clocked out on SDO.
Notes: 1. In Hardware Mode the Diagnostic Modes are selected by directly setting the pins on the device; in Host
Mode, the appropriate register bits are written for Diagnostic Modes.
2. In Host Mode the interrupts can be masked by writing a “1” to the LOS bit; there is no masking in the
Hardware Mode.
Diagnostic Mode
Availability (Note 1)
H/W
Host
Host Mode (Note 2)
Maskable
Loopback Modes
Local Loopback (LLOOP)
Yes
Yes
No
Remote Loopback (RLOOP)
Yes
Yes
No
In-band Network Loopback (NLOOP)
Yes
Yes
Yes
Internal Data Pattern Generation and Detection
Transmit All Ones (TAOS)
Yes
Yes
No
In-band Loop-up/down Code Generator
No
Yes
No
Error Detection
Bipolar Violation Detection (BPV)
Yes
Yes
No
Alarm Condition Monitoring
Receive Loss of Signal Monitoring (LOS)
Yes
Yes
Yes
Receive Alarm Indication Signal Monitoring (AIS)
No
Yes
Yes
Other Diagnostic Reports
Receive Line Attenuation Indicator (LATN)
Yes
Yes
No
Table 4. CS61318 Diagnostic Mode Availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com