Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318-IL Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS61318-IL
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318-IL Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS61318-IL Datasheet HTML 20Page - Cirrus Logic CS61318-IL Datasheet HTML 21Page - Cirrus Logic CS61318-IL Datasheet HTML 22Page - Cirrus Logic CS61318-IL Datasheet HTML 23Page - Cirrus Logic CS61318-IL Datasheet HTML 24Page - Cirrus Logic CS61318-IL Datasheet HTML 25Page - Cirrus Logic CS61318-IL Datasheet HTML 26Page - Cirrus Logic CS61318-IL Datasheet HTML 27Page - Cirrus Logic CS61318-IL Datasheet HTML 28Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
CS61318
DS441PP2
27
Control
&
Monitor
Frame
Format
Encoder/
Decoder
CS61318
IN
HARDWARE
MODE
28
1
26
27
5
7
6
8
3
4
2
9
10
+
33 µF
RGND
0.1 µF
+5V
21
15
+
1.0 µF
TGND
RV+
TV+
TAOS
MCLK
RLOOP
LLOOP
MODE
RPOS
RNEG
RCLK
TPOS
TNEG
TCLK
XTALIN
XTALOUT
RGND
TGND
22
14
RTIP
RRING
TRING
TTIP
24
25
12
23
LOS
NLOOP
11
JASEL
RECEIVE
LINE
19
20
R1
R2
1
5
2
6
T1 1:1
0.47 µF
TRANSMIT
LINE
16
13
0.47 µF
2
6
1
5
R3
R4
SD I
SDO
T2 1:N
Figure 13. Hardware Mode Configuration
NOTE: The 0.47
µF capacitor between R1 & R2 may be omitted if common mode noise is not an issue.
NOTE: The optional 0.47
µF DC blocking cap eliminates DC saturation current through T2
E1
75
Ω
Coaxial Cable
E1
120
Ω
Twisted Pair
R1 (
Ω)
37.5
60
R2 (
Ω)
37.5
60
R3 (
Ω)
15
15
R4 (
Ω)
15
15
T2
1:1.58
1:2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com