Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9236-CL Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS9236-CL
Description  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236-CL Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS9236-CL Datasheet HTML 2Page - Cirrus Logic CS9236-CL Datasheet HTML 3Page - Cirrus Logic CS9236-CL Datasheet HTML 4Page - Cirrus Logic CS9236-CL Datasheet HTML 5Page - Cirrus Logic CS9236-CL Datasheet HTML 6Page - Cirrus Logic CS9236-CL Datasheet HTML 7Page - Cirrus Logic CS9236-CL Datasheet HTML 8Page - Cirrus Logic CS9236-CL Datasheet HTML 9Page - Cirrus Logic CS9236-CL Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CS9236
6
DS214PP11
DIGITAL CHARACTERISTICS (T
A = 25 °C; VD = +3.3V)
Notes: 3. JEDEC Standard No. 8-A for LVCMOS, copyright Electronic Industries Association 1994, specifies
VD+0.3 max. CS9236 digital inputs are +5V tolerant.
ABSOLUTE MAXIMUM RATINGS (DGND = 0V, all voltages with respect to 0V)
Warning:
Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Min
Max
Units
High-level Input Voltage
(Note 3)
VIH
2.0
-
V
Low-level Input Voltage
VIL
-0.3
0.8
V
High-level Output Voltage at IO = -100µA
at IO = -1mA
VOH
VD - 0.3
VD - 0.5
-V
Low-level Output Voltage at IO = 100µA
at IO = 4mA
VOL
-
-
0.3
0.5
V
Input leakage Current
(Digital Inputs)
-
10
µA
Supply Current
(Normal Operation)
(Power Down with RST)
(Power Down with PDN)
-
-
-
150
400
1
mA
µA
mA
Parameter
Symbol
Min
Max
Units
Power Supplies
VD
-0.3
4.6
V
Input Current
(Except Supply Pins)
-
±20
mA
Digital Input Voltage
-0.3
5.25
V
Ambient Temperature
(Power Applied)
-55
125
°C
Storage Temperature
-55
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com