Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9236-CL Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS9236-CL
Description  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236-CL Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS9236-CL Datasheet HTML 23Page - Cirrus Logic CS9236-CL Datasheet HTML 24Page - Cirrus Logic CS9236-CL Datasheet HTML 25Page - Cirrus Logic CS9236-CL Datasheet HTML 26Page - Cirrus Logic CS9236-CL Datasheet HTML 27Page - Cirrus Logic CS9236-CL Datasheet HTML 28Page - Cirrus Logic CS9236-CL Datasheet HTML 29Page - Cirrus Logic CS9236-CL Datasheet HTML 30Page - Cirrus Logic CS9236-CL Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
CS9236
DS214PP11
27
System Real Time Messages
ACTIVE SENSING
FEH
MIDI Transmitters which are using active sensing will send the ACTIVE SENSING message (FEH) every 300 ms maximum
(270 recommended) whenever there is no other MIDI data being transmitted. The CS9236 defaults to Active Sensing OFF
mode of operation. When the CS9236 detects an ACTIVE SENSING message, it begins operating in Active Sensing ON
mode. In Active Sensing ON mode, the CS9236 monitors the elapsed time between receipt of MIDI messages. If the elapsed
time exceeds 372 ms., then the CS9236 executes ALL SOUNDS OFF and RESET ALL CONTROLLERS on each MIDI
channel and returns to Active Sensing OFF mode.
SYSTEM RESET
FFH
The SYSTEM RESET message will cause the CS9236 to set Mode 3 (OMNI OFF/POLY) operation for each MIDI channel,
execute ALL SOUNDS OFF and RESET ALL CONTROLLERS on each MIDI channel, return to Active Sensing OFF
mode, and return to initialized power-up status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com