Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9236-CL Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS9236-CL
Description  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236-CL Datasheet(HTML) 4 Page - Cirrus Logic

  CS9236-CL Datasheet HTML 1Page - Cirrus Logic CS9236-CL Datasheet HTML 2Page - Cirrus Logic CS9236-CL Datasheet HTML 3Page - Cirrus Logic CS9236-CL Datasheet HTML 4Page - Cirrus Logic CS9236-CL Datasheet HTML 5Page - Cirrus Logic CS9236-CL Datasheet HTML 6Page - Cirrus Logic CS9236-CL Datasheet HTML 7Page - Cirrus Logic CS9236-CL Datasheet HTML 8Page - Cirrus Logic CS9236-CL Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
CS9236
4
DS214PP11
RECOMMENDED OPERATING CONDITIONS (DGND=0V, all voltages with respect to 0V.)
Per JEDEC Standard No. 8-A for LVCMOS
SWITCHING CHARACTERISTICS (T
A = 0 - 70 °C; VD = +3.3V ± .3V, outputs loaded with 30pF;
Input Levels: Logic 0 = 0V, Logic 1 = 5V) (Note 1)
Notes: 1. XTAL3I input level is VD.
2. LRCLK frequency is equal to fck/384. Optimum synthesized pitch and envelope characteristics will be
achieved when CLKIN frequency, fck, is equal to 16.9344 MHz (LRCLK frequency, flrw = 44.1 kHz).
Specifications are subject to change without notice.
Parameter
Symbol
Min
Typ
Max
Units
Power Supply
VD
3.0
3.3
3.6
V
Operating Ambient Temperature
TA
025
70
°C
Parameter
Symbol
Min
Typ
Max
Units
Input clock (CLKIN) frequency
(Note 2)
fck
16.92
16.9344
16.95
MHz
CLKIN low time
tckl
23.6
-
-
ns
CLKIN high time
tckh
23.6
-
-
ns
LRCLK frequency
(Note 2)
flrw
-44.1-
kHz
LRCLK duty cycle
47
50
53
%
SOUT delay from LRCLK rising/falling edge
tsdsk
--
10
ns
MIDI_IN Bit Rate (Asynchronous to MCLK5I or XTAL3I)
30937.5
31250
31562.5
bits/s
RST pulse width low
trpw
500
-
-
ns
PDN pulse width low
tppw
500
-
-
ns
RST high to valid MIDI input
trdr
300
-
-
ms
PDN high to valid MIDI input
trdp
0.15
-
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com