Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9236-CL Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS9236-CL
Description  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236-CL Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS9236-CL Datasheet HTML 25Page - Cirrus Logic CS9236-CL Datasheet HTML 26Page - Cirrus Logic CS9236-CL Datasheet HTML 27Page - Cirrus Logic CS9236-CL Datasheet HTML 28Page - Cirrus Logic CS9236-CL Datasheet HTML 29Page - Cirrus Logic CS9236-CL Datasheet HTML 30Page - Cirrus Logic CS9236-CL Datasheet HTML 31Page - Cirrus Logic CS9236-CL Datasheet HTML 32Page - Cirrus Logic CS9236-CL Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
CS9236
DS214PP11
29
System Exclusive Messages (Continued)
ENABLE TEST TONE
F0H
00H
01H
02H
01H
01H
03H
F7H
F0H =
MIDI System Exclusive Header
00H, 01H, 02H =
System Exclusive Manufacturer ID:
Crystal Semiconductor Corp.
01H =
Product ID: CS9236
01H =
Model/Version ID: 01
03H =
Message Type: Enable Test Mode
F7H =
End of System Exclusive flag (EOX)
Receipt of the ENABLE TEST TONE system exclusive message will cause the CS9236 to output a 1 kHz sinusoidal test tone.
The test tone output will be affected by MIDI Channel Voice Messages for MIDI channel 10 (i.e. VOLUME, EXPRESSION,
PAN, PITCH BEND CHANGE, MODULATION, REVERB SEND LEVEL, CHORUS SEND LEVEL). The test tone output
level under default conditions for VOLUME, EXPRESSION, PAN, PITCH BEND CHANGE, MODULATION, REVERB
SEND LEVEL, and CHORUS SEND LEVEL on channel 10 is 34 dB below digital full scale. By default, the test tone output is
disabled.
DISABLE TEST TONE
F0H
00H
01H
02H
01H
01H
04H
F7H
F0H =
MIDI System Exclusive Header
00H, 01H, 02H =
System Exclusive Manufacturer ID:
Crystal Semiconductor Corp.
01H =
Product ID: CS9236
01H =
Model/Version ID: 01
04H =
Message Type: Disable Test Mode
F7H =
End of System Exclusive flag (EOX)
Receipt of the DISABLE TEST TONE system exclusive message will cause the CS9236 to disable the test tone output (See
description of ENABLE TEST TONE). By default, the test tone output is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com