Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9236-CL Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS9236-CL
Description  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236-CL Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS9236-CL Datasheet HTML 19Page - Cirrus Logic CS9236-CL Datasheet HTML 20Page - Cirrus Logic CS9236-CL Datasheet HTML 21Page - Cirrus Logic CS9236-CL Datasheet HTML 22Page - Cirrus Logic CS9236-CL Datasheet HTML 23Page - Cirrus Logic CS9236-CL Datasheet HTML 24Page - Cirrus Logic CS9236-CL Datasheet HTML 25Page - Cirrus Logic CS9236-CL Datasheet HTML 26Page - Cirrus Logic CS9236-CL Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
CS9236
DS214PP11
23
Registered Parameters
PITCH BEND SENSITIVITY (RPN 00)
RPN
DATA
MSB
LSB
MSB
LSB
00H
00H
mmH
llH
DESCRIPTION
PITCH BEND SENSITIVITY (RPN 00)
mm: sensitivity in semitones
Range is 00 - 18H (+/-0 to +/-24 semitones, default is +/-2 semitones)
ll: sensitivity in cents
Ignored
The PITCH BEND SENSITIVITY parameter (MIDI Registered Parameter Number 00) is used to set the amount of pitch
change which will result from subsequently received PITCH BEND CHANGE messages. The PITCH BEND SENSITIV-
ITY is channel specific (independent values are maintained for each MIDI channel). The CS9236 default sensitivity is +/-2
semitones (a maximum value of PITCH BEND CHANGE will result in a pitch change of +2 semitones, the minimum value
of PITCH BEND CHANGE will result in a pitch change of -2 semitones). The maximum sensitivity for the CS9236 is +/-
24 semitones (+/- two octaves). See description of REGISTERED PARAMETER NUMBER (Controllers 100 and 101) and
DATA ENTRY (Controllers 6 and 38) Control Change messages.
FINE TUNING (RPN 01)
RPN
DATA
MSB
LSB
MSB
LSB
00H
01H
mmH
llH
DESCRIPTION
FINE TUNING (RPN 01)
mm,ll: fine pitch offset in cents from A440
resolution is 100/8192 cents
range is 00,00 - 40,00 - 7FH,7FH
(-8192*100/8192 - 0 - +8191*100/8192 cent)
The FINE TUNING parameter (MIDI Registered Parameter Number 01) is used for fine tuning of the pitch of instruments
played on the specified MIDI channel. The FINE TUNING parameter provides high resolution control of tuning for pitch
changes of up to one semitone. The COARSE TUNING parameter (MIDI Registered Parameter Number 02) provides coarse
tuning in semitone units. See description of REGISTERED PARAMETER NUMBER (Controllers 100 and 101) and DATA
ENTRY (Controllers 6 and 38) Control Change messages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com