Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9236-CL Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS9236-CL
Description  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236-CL Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS9236-CL Datasheet HTML 26Page - Cirrus Logic CS9236-CL Datasheet HTML 27Page - Cirrus Logic CS9236-CL Datasheet HTML 28Page - Cirrus Logic CS9236-CL Datasheet HTML 29Page - Cirrus Logic CS9236-CL Datasheet HTML 30Page - Cirrus Logic CS9236-CL Datasheet HTML 31Page - Cirrus Logic CS9236-CL Datasheet HTML 32Page - Cirrus Logic CS9236-CL Datasheet HTML 33Page - Cirrus Logic CS9236-CL Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
CS9236
32
DS214PP11
XTAL3I - 3 Volt Crystal Oscillator Input, PIN 6 (L), PIN 3 (Q).
This is the input pin for the on-chip crystal oscillator circuit. The CS9236 internal timing is
derived from one of two possible sources; the part may be supplied a 16.9344 MHz Master
Clock signal from an external source, or the timing may be generated using the on-chip
oscillator circuit in conjunction with an external 16.9344 MHz quartz crystal. When a Master
Clock signal is provided to the CS9236 from an external device, the Master Clock signal
should be connected to the CS9236 MCLK5I input pin and the XTAL3I input pin is grounded.
When the CS9236 internal timing is generated using the on-chip oscillator circuit, a 16.9344
MHz quartz crystal is connected between the CS9236 XTAL3I input pin and the XTALO
output pin, and the MCLK5I input pin is grounded. In this case, the XTALO output may be
used as a 384X master clock for the CS9236 digital audio output signal, SOUT.
XTALO - Crystal Oscillator Output/384X Digital Audio Clock Output, PIN 7 (L), PIN 4 (Q).
This pin is the output of the on-chip crystal oscillator circuit. This output may also be used as a
384X master clock for the CS9236 digital audio output signal, SOUT. The CS9236 internal
timing is derived from one of two possible sources; the part may be supplied a 16.9344 MHz
Master Clock signal from an external source, or the timing may be generated using the on-chip
oscillator circuit in conjunction with an external 16.9344 MHz quartz crystal. When a Master
Clock signal is provided to the CS9236 from an external device, the Master Clock signal
should be connected to the CS9236 MCLK5I input pin and the XTAL3I input pin is grounded.
When the CS9236 internal timing is generated using the on-chip oscillator circuit, a 16.9344
MHz quartz crystal is connected between the CS9236 XTAL3I input pin and the XTALO
output pin, and the MCLK5I input pin is grounded. In this case, the XTALO output may be
used as a 384X master clock for the CS9236 digital audio output signal, SOUT.
VDD1, VDD2 - Digital Supply Voltage, PINS 21 and 9 (L), PINS 29 and 6 (Q), respectively.
3.3VDC supply voltage connections for the device.
GND1, GND2 - Digital Ground, PINS 22 and 8 (L), PINS 30 and 5 (Q), respectively.
0 VDC digital ground connections for the device.
NC - No Connection, PINS 1-4, 12-18, 25-28 (L), PINS 1, 9-26, 33-44 (Q)
These pins must be left floating (no connection to external circuitry).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com