Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7809LPRPFE Datasheet(PDF) 8 Page - Maxwell Technologies

Part # 7809LPRPFE
Description  16-Bit Latchup Protected Analog to Digital Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7809LPRPFE Datasheet(HTML) 8 Page - Maxwell Technologies

Back Button 7809LPRPFE Datasheet HTML 4Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 5Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 6Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 7Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 8Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 9Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 10Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 11Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 12Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected Analog to Digital Converter
7809LP
01.11.05 Rev 7
Selecting Output
Format
x
x
x
x
x
x
x
x
x
x
x
x
0
3
1
Serial data is output in
Binary Two’s Comple-
ment format.
Serial data is output in
Straight Binary format.
1. See Figure 4 for constraints on previous data valid during conversion.
TABLE 13. 7809LP INPUT RANGE CONNECTION
ANALOG INPUT RANGE
CONNECT R1
IN VIA 200Ω
TO
CONNECT R2
IN VIA 100Ω
TO
CONNECT R3
IN TO
IMPEDANCE
±10V
V
IN
AGND
CAP
22.9 k
Ω
±5V
AGND
V
IN
CAP
13.3 k
Ω
±3.3V
V
IN
V
IN
CAP
10.7 k
Ω
0V to 10V
AGND
V
IN
AGND
13.3k
Ω
0V to 5V
AGND
AGND
V
IN
10.0 k
Ω
0V to 4V
V
IN
AGND
V
IN
10.7 k
Ω
TABLE 14. 7809LP CONVERSION AND DATA TIMING
(T
A = -40
°C TO 85 °C UNLESS OTHERWISE SPECIFIED)
SYMBOL
DESCRIPTION
SUBGROUPS
MIN
TYP
MAX
UNIT
t1
Convert Pulse Width
9, 10, 11
40
--
6000
ns
t2
BUSY Delay
9, 10, 11
--
--
65
ns
t3
BUSY LOW
9, 10, 11
--
--
8
µ s
t4
BUSY Delay after End of Conversion
9, 10, 11
--
220
--
ns
t5
Aperture Delay
9, 10, 11
--
40
--
ns
t6
Conversion Time
9, 10, 11
--
7.6
8
µ s
t7
Acquisition Time
9, 10, 11
--
--
2
µ s
t6 + t7
Throughput Time
9, 10, 11
--
9
10
µ s
t8
R/C Low to DATACLK Delay
9, 10, 11
--
450
--
ns
t9
DATACLK Period
9, 10, 11
--
440
--
ns
t10
Data Valid to DATACLK HIGH Delay
9, 10, 11
20
75
--
ns
t11
Data Valid after DATACLK LOW
Delay
9, 10, 11
100
125
--
ns
t12
External DATACLK
9, 10, 11
100
--
--
ns
TABLE 12. 7809LP CONTROL LINE FUNCTIONS FOR READ AND CONVERT
SPECIFIC FUNCTION
CS
R/C
BUSY
EXT/INT
DATACL
K
PWRD
SB/BTC
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com