Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7809LPRPFE Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 7809LPRPFE
Description  16-Bit Latchup Protected Analog to Digital Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7809LPRPFE Datasheet(HTML) 3 Page - Maxwell Technologies

  7809LPRPFE Datasheet HTML 1Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 2Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 3Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 4Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 5Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 6Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 7Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 8Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected Analog to Digital Converter
7809LP
01.11.05 Rev 7
21
BUSY
Busy Output. Falls when a conversion is started, and remains LOW until the conversion is com-
pleted and the data is latched into the output shift register. CS or R/C must be HIGH when
BUSY rises, or another conversion will start without time for signal acquisition.
22
PWRD
Power Down Input. If HIGH, conversions are inhibited and power consumption is significantly
reduced. Results from the previous conversions are maintained in the output shift register.
23
LPVANA
Latchup Protection Analog Supply.
24
LPVDIG
Latchup Protection Digital Supply.
TABLE 2. 7809LP ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Analog Inputs
R1
IN
R2
IN
R3
IN
CAP
REF 1
1. Indefinite short to AGND2, momentarily short to V
ANA.
-25
-25
-25
V
ANA + 0.3
25
25
25
AGND2 - 0.3
V
V
V
V
Ground Voltage Differences: DGND, AGND2
-0.3
0.3
V
V
ANA
--
7
V
V
DIG
7V
V
DIG to VANA
--
0.3
V
Specified Performance
-40
85
°C
Digital Inputs
-0.3
V
DIG + 0.3
V
Storage Temperature
T
STG
-65
150
°C
TABLE 3. 7809LP DC ACCURACY SPECIFICATIONS
(SPECIFIED PERFORMANCE -40 TO +85°C)
PARAMETER
MIN
TYP
MAX
UNIT
Integral Linearity Error
-40 to 85°C
--
--
--
--
±3
±5
LSB 1
Differential Linearity Error
-40 to 85°C
--
--
--
--
-2, 3
-1, 6
LSB
LSB
No Missing Codes 2
15
--
--
Bits
Transition Noise 3
--
1.3
--
LSB
Full Scale Error 4,5
--
--
±0.6
%
Full Scale Error 4,5 (using ext. 2.5000 V
ref)--
±0.6
%
Full Scale Error Drift
--
±7
--
ppm/°C
TABLE 1. 7809LP PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com