Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7809LPRPFE Datasheet(PDF) 14 Page - Maxwell Technologies

Part # 7809LPRPFE
Description  16-Bit Latchup Protected Analog to Digital Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7809LPRPFE Datasheet(HTML) 14 Page - Maxwell Technologies

Back Button 7809LPRPFE Datasheet HTML 10Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 11Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 12Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 13Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 14Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 15Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 16Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 17Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 18Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected Analog to Digital Converter
7809LP
01.11.05 Rev 7
LPTTM Operation
Latchup Protection Technology (LPTTM) automatically detects an increase in the supply current of the 7809LP con-
verter due to a single event effect and internally cycles the power to the converter off, then on, which restores the
steady state operation of the device. A simplified block diagram of the 7809LP circuitry is shown in Figure 7. The
LPTTM circuitry consists of two power switch and current sensor blocks, an LPTTM controller block, a BIT current load
block, and an active input protection block.
Figure 7. 7809LP Simplified Block Diagram
The power switch/current sensor blocks sense the supply current drawn by the protected device on the analog and
digital supply pins. When a threshold level is exceeded on either supply line, indicating single event induced latchup of
the protected device, a signal is sent to the LPTTM controller block. The LPTTM controller then drives the power
switches to an off state which removes the power supplies from the protected device. At the same time, a signal is
sent to open the active input protection circuits and the LPSTATUS output pin is activated. After a period of time suffi-
cient to clear the latchup, the LPTTM controller drives the power switches and input protection back to the on state
restoring the operation of the protected device. The LPTBIT circuit is used during system test to electrically trigger the
latchup function by drawing current through the power switch/current sensor blocks sufficient to trigger the LPTTM pro-
tection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com