Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7809LPRPFE Datasheet(PDF) 16 Page - Maxwell Technologies

Part # 7809LPRPFE
Description  16-Bit Latchup Protected Analog to Digital Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7809LPRPFE Datasheet(HTML) 16 Page - Maxwell Technologies

Back Button 7809LPRPFE Datasheet HTML 12Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 13Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 14Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 15Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 16Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 17Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 18Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 19Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 20Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected Analog to Digital Converter
7809LP
01.11.05 Rev 7
Dedicated digital outputs are not similarly protected since in most applications there will be no appreciable drive signal
on these outputs to back-drive the pins. Pull up resistors on these outputs should be 10 K
Ω or greater to limit the
back-drive current. Low on resistance, transmission gate circuits are also connected between the package pins and
the die REF and CAP pins. These gates minimize the transient loading on the external filter capacitors required on
these pins. This greatly reduces the single event recovery time of the 7809LP to full accuracy after an LPTTM cycle.
During an LPTTM cycle, all outputs of the 7809LP are invalid and unpredictable until after the functional recovery time.
After the functional recovery time, data conversions occur with a degraded accuracy until the full accuracy recovery
time.
A summary of the pin differences between the ADS7809 and the 7809LP is provided in the table below.
TABLE 15. ADS7809 AND 7809LP PIN DIFFERENCES
PIN NUMBER
ADS7809
7809LPRP
PIN DIFFERENCE DESCRIPTION
1-10
Various
Various
Equivalent function to ADS7809 pins 1-10 respectively. Timing specifications
change slightly (0 - 10 ns) for the 7809LPRP due to the latchup protection circuitry
on ADS7809 die inputs.
15-22
Various
Various
Equivalent function to ADS7809 pins 11-18 respectively. Timing specifications
change slightly (0 - 10 ns) for the 7809LPRP due to the latchup protection circuitry
on ADS7809 die inputs.
11
--
LPBIT
A built in test function of latchup protection. A TTL high level pulse for > 5 microsec-
onds duration on this input will trigger latchup protection of the device. This input
shall be low during normal operation.
12
--
LPSTATUS
Latchup protection status output. This TTL level output is low during normal opera-
tion and goes high during a 10 µ s decision time period prior to power being
removed. If the latch up current does not last at least 10 µ s then LPTSTATUS will
go low (inactive) after the 10 µ s decision period without power being removed.
When latchup protection is triggered, this output will go high for the duration of the
time that power is removed from the protected device (50 µ s). All output except
LPSTATUS are invalid during the time that power is removed from the ADS7809
die. This output foes low within 1 us of the power being re-applied to the protected
device. Functional operation of the device is within ~25 µ s after the LPSTATUS
output returns low with degraded accuracy due to the latchup filter circuitry. Full
accuracy is restored ~5 ms later. This output can be used to inform the system pro-
cessor of the latchup protection trigger and the subsequent degraded accuracy in
the 7809LPRP output data. Output pull-up resistors should be 10k
Ω or larger on
outputs. I/O pins must not be driven high while this signal is active.
13
VANA
VANA
Equivalent function to ADS7809 pin 19. Analog Supply Input.
14
VDIG
VDIG
Equivalent function to ADS7809 pin 20. Digital Supply Input.
23
--
LPVANA
Latchup protected analog supply pin to the ADS7809 die. Decouple to analog
ground with 0.1 µ F ceramic capacitor. Do not exceed 0.2 µ F. Do not connect to
VDIG and/or VANA.
24
--
LPVDIG
Latchup protected digital supply pin to the ADS7809 die. Decouple to digital ground
with 0.1 µ F ceramic capacitor. Do not exceed 0.2 µ F. Do not connect to VDIG and/
or VANA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com