Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7809LPRPFE Datasheet(PDF) 23 Page - Maxwell Technologies

Part # 7809LPRPFE
Description  16-Bit Latchup Protected Analog to Digital Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7809LPRPFE Datasheet(HTML) 23 Page - Maxwell Technologies

Back Button 7809LPRPFE Datasheet HTML 15Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 16Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 17Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 18Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 19Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 20Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 21Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 22Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 23Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
23
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected Analog to Digital Converter
7809LP
01.11.05 Rev 7
Product Ordering Options
Model Number
Feature
Option Details
7809LP
RP
F
X
Screening Flow
Package
Radiation Feature
Base Product
Nomenclature
Multi Chip Module (MCM)1
K = Maxwell Self-Defined Class K
H = Maxwell Self-Defined Class H
I = Industrial (testing @ -40°C,
+25°C, +85°C)
E = Engineering (testing @ +25°C)
F = Flat Pack
RP = RAD-PAK® package
16-Bit Latchup Protected Analog
to Digital Converter
1) Products are manufactured and screened to Maxwell Technologies self-defined Class H and Class K flows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com